Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM5CSLC200FS Datasheet(PDF) 1 Page - Schneider Electric

Part # TM5CSLC200FS
Description  Controller system, Modicon TM5, Safe logic CPU plus, SERCOS 3 interface, 80 nodes
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TM5CSLC200FS Datasheet(HTML) 1 Page - Schneider Electric

  TM5CSLC200FS Datasheet HTML 1Page - Schneider Electric TM5CSLC200FS Datasheet HTML 2Page - Schneider Electric TM5CSLC200FS Datasheet HTML 3Page - Schneider Electric TM5CSLC200FS Datasheet HTML 4Page - Schneider Electric TM5CSLC200FS Datasheet HTML 5Page - Schneider Electric TM5CSLC200FS Datasheet HTML 6Page - Schneider Electric TM5CSLC200FS Datasheet HTML 7Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Product data sheet
Specifications
Controller system, Modicon TM5,
Safe logic CPU plus, SERCOS 3
interface, 80 nodes
TM5CSLC200FS
Main
Range of product
Modicon TM5
Product or component type
Controller system
Device application
Safety logic controller
Processor name
Intel Xscale 266 MHz
Reverse polarity protection
Yes
Complementary
Communication network type
SERCOS III (Ethernet)
Transmission rate
100 Mbit/s for full duplex bus length
Cycle time
1 ms
Realtime clock
With non-volatile memory
Number of devices
2 shielded RJ45
1 memory key slot
Function available
Support of 32 machine options
With 2 internal switch
Support max 100 safety nodes
Maximum cable distance
between devices
100 m between station
Rated voltage
24 V -15...20 %
Input protection type
Integrated fuse (not interchangeable)
Power consumption in W
5.1 W
Type of cooling
Fanless
Marking
CE
Safety level
SIL 3 conforming to IEC 61508
SIL 3 conforming to IEC 62061
PL = e conforming to EN 13849-1
Safety reliability data
PFD < 1E-5
PFH < 1E-9
MTTFd > 100 years
Local signalling
1 LED (green or orange) for application run or SoSafe debug mode
1 LED (green) for authorization status
1 LED (orange) for configuration status (Ready)
1 LED (orange) for firmware status
4 LEDs (red) for boot status
1 LED (orange) for memory key status
Colour
Red
 
Apr 8, 2022
1


Similar Part No. - TM5CSLC200FS

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
TM5CSLC100FS SCHNEIDER-TM5CSLC100FS Datasheet
402Kb / 7P
Controller system, Modicon TM5, Safe logic CPU standard, SERCOS 3 interface, 20 nodes
Apr 8, 2022
More results

Similar Description - TM5CSLC200FS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SERCON410B STMICROELECTRONICS-SERCON410B Datasheet
286Kb / 34P
SERCOS INTERFACE CONTROLLER
May 1994
SERCON816 STMICROELECTRONICS-SERCON816 Datasheet
319Kb / 23P
SERCOS INTERFACE CONTROLLER
Jan-2003
logo
List of Unclassifed Man...
TIP812 ETC1-TIP812 Datasheet
82Kb / 1P
SERCOS Controller
logo
Schneider Electric
TM221C16U SCHNEIDER-TM221C16U Datasheet
274Kb / 18P
Logic controller, Modicon M221, 16io tr.npn
Mar 23, 2022
TM221C24U SCHNEIDER-TM221C24U Datasheet
270Kb / 18P
Logic controller, Modicon M221, 24io tr.npn
Mar 23, 2022
TM5NCO1 SCHNEIDER-TM5NCO1 Datasheet
266Kb / 7P
CANopen communication module, Modicon TM5, FieldBus Interface
Apr 6, 2022
TM5NS31 SCHNEIDER-TM5NS31 Datasheet
282Kb / 6P
Sercos 3 communication module, Modicon TM5, fieldbus interface
Apr 6, 2022
TM5SD000 SCHNEIDER-TM5SD000 Datasheet
223Kb / 6P
Dummy module, Modicon TM5, module
Apr 6, 2022
TM251MESC SCHNEIDER-TM251MESC Datasheet
193Kb / 11P
Logic controller, Modicon M251, Ethernet CAN
Apr 6, 2022
TM5CSLC100FS SCHNEIDER-TM5CSLC100FS Datasheet
402Kb / 7P
Controller system, Modicon TM5, Safe logic CPU standard, SERCOS 3 interface, 20 nodes
Apr 8, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com