Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1259C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1259C/D
Description  Battery Manager
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1259C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1259C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Voltage on Any Pin (with respect to GND)............-0.3V to +7.0V
Operating Temperature Range
C Suffix................................................................0°C to +70°C
E Suffix.............................................................-40°C to +85°C
M Suffix..........................................................-55°C to +125°C
Storage Temperature Range .............................-55°C to +125°C
Lead Temperature (soldering, 10s) .................................+300°C
(All grades, TA = TMIN to TMAX, unless otherwise noted.)
(VCC = +4.5V to +5.5V, all grades, TA = TMIN to TMAX, unless otherwise noted.)
(VCCI < VBATT, all grades, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Primary Power Supply
VCCI
(Note 1)
5.0
5.5
V
Input High Voltage (Note 1)
VIH
MAX1259C
2.0
VCCI +
0.3
V
MAX1259E/M
2.4
VCCI +
0.3
Input Low Voltage
VIL
(Note 1)
-0.3
+0.8
V
Battery Voltage
VBATT
Pin 2 (Note 2)
2.5
3.0
3.7
V
Battery Output
BAT
Pin 5 (Note 1)
VBATT -
0.1
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Leakage Current
ILO
-1.0
+1.0
µA
Output Current PF, BF
IOH
VOH = 2.4V (Note 3)
-1.0
mA
IOL
VOL = 0.4V
4.0
Input Supply Current
ICCI
(Note 4)
2.00
3.33
mA
VCCO Output Current
ICCO
VCCO = VCCI - 0.2V, pins 12, 13
250
mA
Power-Fail Trip Point
VTP
Pin 11 (Notes 2, 5)
1.26 x
VBATT -
250mV
1.26 x
VBATT
1.26 x
VBATT
+
250mV
V
Battery-Fail Trip Point
VBATTF
Pin 3 (BF detect) (Note 6)
2.0
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCCO Output Current
ICCO2
VCCO = VBATT - 0.2V, pins 12, 13 (Note 7)
15
mA
Battery Leakage (Note 8)
IBATT
MAX1259C
100
nA
MAX1259E
150
MAX1259M
10
µA
BAT Output Current
IBATOUT Pin 5 (Note 9)
100
µA
MAX1259
Battery Manager
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Recommended DC Operating Conditions
DC Electrical Characteristics
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com