Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1259C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1259C/D
Description  Battery Manager
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1259C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1259C/D Datasheet HTML 1Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 2Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 3Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 4Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 5Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 6Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 7Page - Maxim Integrated Products MAX1259C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
(All grades, TA = +25°C, unless otherwise noted.) (Note 10)
(VCC = 4.0V to 5.5V, all grades, TA = +25°C, unless otherwise noted.)
Note 1: All voltages referenced to ground.
Note 2: Trip-point voltage for power-fail detect: VTP = 1.26 x VBATT. For 5% operation: VBATT = 3.7V max.
Note 3: 50pF load capacity.
Note 4: Measured with pins 3, 11, 12, 13, and open.
Note 5: VTP is the point at which PF is driven low.
Note 6: VBATTF is the point at which BF is driven low.
Note 7: ICCO2 may be limited by battery capacity.
Note 8: Battery leakage is the internal energy consumed by the MAX1259.
Note 9: See the Typical Operating Characteristics BAT Switch Drop vs. Battery Voltage graph.
Note 10: Guaranteed by design. Not tested.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Capacitance
CIN
5
10
pF
Output Capacitance
COUT
5
10
pF
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCCI Fall Time
tF
300
µs
VCCI Rise Time
tR
1
µs
Power-Down to PF Low
tPF
0
µs
PF High After Power-Up
tREC
100
µs
RST Pulse Width
RSTPW
50
10
ns
PIN
NAME
FUNCTION
1, 4, 9, 10, 14
N.C.
No Connection. Make no connection to these pins.
2
VBATT
Backup Battery Input
3
BF
Battery-Fail Output. BF is high for VCCI at or above VTP and the backup battery greater than 2V. If the
backup battery is below 2V or VCCI falls below VTP, BF will be driven low.
5
BAT
Battery Output. During normal operation, the BAT output supplies up to 1mA of continuous battery
current. In shipping mode, the BAT output is high impedance.
6
RST
Battery-Disconnect Input. The RST input is used to prevent battery discharge during shipping. Pulsing
the RST input disconnects the backup battery from the VCCO and BAT outputs.
7, 8
GND
Ground
11
PF
Power-Fail Output. PF is high for VCCI greater than 1.26 x VBATT (VTP), indicating a valid VCCI voltage.
12, 13
VCCO
CMOS RAM is Powered from VCCO. The battery switchover circuit compares VCCI to the VBATT input,
and connects VCCO to whichever is higher.
15, 16
VCCI
+5V VCC Input
MAX1259
Battery Manager
www.maximintegrated.com
Maxim Integrated │ 3
Capacitance
Pin Description
AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com