Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772A-EB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9772A-EB
Description  14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A-EB Datasheet(HTML) 5 Page - Analog Devices

  AD9772A-EB Datasheet HTML 1Page - Analog Devices AD9772A-EB Datasheet HTML 2Page - Analog Devices AD9772A-EB Datasheet HTML 3Page - Analog Devices AD9772A-EB Datasheet HTML 4Page - Analog Devices AD9772A-EB Datasheet HTML 5Page - Analog Devices AD9772A-EB Datasheet HTML 6Page - Analog Devices AD9772A-EB Datasheet HTML 7Page - Analog Devices AD9772A-EB Datasheet HTML 8Page - Analog Devices AD9772A-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
AD9772A
Rev. C | Page 5 of 40
Parameter
Min
Typ
Max
Unit
CLKVDD (PLLVDD = 0 V)
Voltage Range
3.1
3.3
3.5
V
Clock Supply Current (ICLKVDD)
6.0
mA
Nominal Power Dissipation5
253
272
mW
Power Supply Rejection Ratio (PSRR)6
PSRR − AVDD
−0.6
+0.6
% of FSR/V
PSRR − DVDD
−0.025
+0.025
% of FSR/V
OPERATING RANGE
−40
+85
°C
1 Measured at IOUTA driving a virtual ground.
2 Nominal full-scale current, IOUTFS, is 32× the IREF current.
3 Use an external amplifier to drive any external load.
4 Measured at fDATA = 100 MSPS and fOUT = 1 MHz with DIV1 and DIV0 = 0 V.
5 Measured with PLL enabled at fDATA = 50 MSPS and fOUT = 1 MHz.
6 Measured over a 3.0 V to 3.6 V range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com