Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9772A-EB Datasheet(PDF) 13 Page - Analog Devices

Part # AD9772A-EB
Description  14-Bit, 160 MSPS TxDAC with 2횞 Interpolation Filter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772A-EB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9772A-EB Datasheet HTML 9Page - Analog Devices AD9772A-EB Datasheet HTML 10Page - Analog Devices AD9772A-EB Datasheet HTML 11Page - Analog Devices AD9772A-EB Datasheet HTML 12Page - Analog Devices AD9772A-EB Datasheet HTML 13Page - Analog Devices AD9772A-EB Datasheet HTML 14Page - Analog Devices AD9772A-EB Datasheet HTML 15Page - Analog Devices AD9772A-EB Datasheet HTML 16Page - Analog Devices AD9772A-EB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AD9772A
Rev. C | Page 13 of 40
PLLCLOCK
MULTIPLIER
EDGE-
TRIGGERED
LATCHES
2× FIR
INTERPOLATION
FILTER
AD9772A
3.3V
3.3V
FROM HP8644A
SIGNAL GENERATOR
3.3V
CLKVDD
CLKCOM
CLK+
1×
FILTER
CONTROL
MUX
CONTROL
PLLCOM
LPF
PLLVDD
IOUTA
IOUTB
REFIO
FSADJ
REFLO
AVDD
ACOM
DVDD
DCOM
SLEEP
ZERO
STUFF
MUX
14-BIT DAC
100Ω
MINI-CIRCUITS
T1-1T
20pF
50Ω
50Ω
20pF
1.91kΩ
0.1µF
1.2V REFERENCE
AND CONTROL AMP
AWG2021
OR
DG2020
DIGITAL
DATA
EXTERNAL
CLOCK
HP8130
PULSE GENERATOR
CH1
CH2
EXTERNAL INPUT
2×/4×
CLK–
1kΩ
1kΩ
1×/2×
CLOCK DISTRIBUTION
AND MODE SELECT
TO FSEA30
SPECTRUM
ANALYZER
Figure 7. Basic AC Characterization Test Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com