Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-1ARZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADA4622-1ARZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADA4622-1ARZ-R7 Datasheet HTML 26Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 27Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 28Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 29Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 30Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 31Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 32Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 33Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
ADA4622-1/ADA4622-2/ADA4622-4
Data Sheet
Rev. E | Page 30 of 38
APPLICATIONS INFORMATION
RECOMMENDED POWER SOLUTION
The ADA4622-1/ADA4622-2/ADA4622-4 can operate from a
±2.5 V to ±15 V dual supply or a 5 V to 30 V single supply. The
ADP7118 and the ADP7182 are recommended to generate the
clean positive and negative rails for the ADA4622-1/ADA4622-2/
ADA4622-4. Both low dropout (LDO) regulators are available in
fixed output voltage or adjustable output voltage versions. To
generate the input voltages for the LDOs, the ADP5070 dc-to-dc
switching regulator is recommended. Figure 91 shows the
recommended power solution configuration for the ADA4622-1/
ADA4622-2/ADA4622-4.
ADP5070
ADP7118
ADP7182
+12V
+16V
+15V
–15V
–16V
Figure 91. Power Solution Configuration for the
ADA4622-1/ADA4622-2/ADA4622-4
Table 12. Recommended Power Management Devices
Product
Description
ADP5070
DC-to-DC switching regulator with independent
positive and negative outputs
ADP7118
20 V, 200 mA, low noise, CMOS LDO regulator
ADP7182
−28 V, −200 mA, low noise, linear regulator
MAXIMUM POWER DISSIPATION
The maximum power the ADA4622-1/ADA4622-2/ADA4622-4
can safely dissipate is limited by the associated rise in junction
temperature. For plastic packages, the maximum safe junction
temperature is 150°C. If this maximum temperature is exceeded,
reduce the die temperature to restore proper circuit operation.
Leaving the device in the overheated condition for an extended
period of time can result in device burnout. To ensure proper
operation, it is important to observe the specifications shown in
the Absolute Maximum Ratings and Thermal Resistance sections.
SECOND-ORDER LOW-PASS FILTER
Figure 92 shows the ADA4622-1/ADA4622-2/ADA4622-4
configured as a second-order, Butterworth, low-pass filter. With
the values as shown, the corner frequency equals 200 kHz. The
following equations show the component selection:
R1 = R2 = User Selected (Typical Values: 10 kΩ to 100 kΩ)
R1
f
C1
CUTOFF ×
=
2π
1.414
R1
f
2
C
CUTOFF ×
=
2π
0.707
ADA4622-1/
ADA4622-2/
ADA4622-4
C3
0.1µF
+5V
C4
0.1µF
VOUT
VIN
C1
28pF
–5V
C2
56pF
R1
20k
Ω
R2
20k
Ω
50pF
Figure 92. Second-Order, Butterworth, Low-Pass Filter
Figure 93 shows a plot of the filter; greater than 35 dB of high
frequency rejection is achieved.
100
–50
–40
–30
–20
–10
0
10
20
30
40
50
1k
10k
100k
FREQUENCY (Hz)
1M
10M
100M
Figure 93. Frequency Response of the Filter
WIDEBAND PHOTODIODE PREAMPLIFIER
The ADA4622-1/ADA4622-2/ADA4622-4 are an excellent
choice for photodiode preamplifier applications. The low input
bias current minimizes the dc error at the output of the pre-
amplifier. In addition, the high gain bandwidth product and low
input capacitance maximizes the signal bandwidth of the
photodiode preamplifier. Figure 94 shows the ADA4622-1/
ADA4622-2/ADA4622-4 as a current to voltage (I to V)
converter with an electrical model of a photodiode.
–
+
VOUT
VB
CD
CM
CM
RSH = 1011Ω
CS
IPHOTO
CF
RF
ADA4622-1/
ADA4622-2/
ADA4622-4
Figure 94. Wideband Photodiode Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com