Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4622-1ARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4622-1ARZ-R7
Description  30 V, 8 MHz, Low Bias Current, Single-Supply, RRO, Precision Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4622-1ARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4622-1ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4622-1ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
ADA4622-1/ADA4622-2/ADA4622-4
Data Sheet
Rev. E | Page 14 of 38
OUT A 1
–IN A 2
+IN A 3
V+
4
OUT D
14
–IN D
13
+IN D
12
V–
11
+IN B 5
+IN C
10
–IN B
6
–IN C
9
OUT B 7
OUT C
8
ADA4622-4
(Not to Scale)
TOP VIEW
Figure 8. 14-Lead SOIC_N Pin Configuration, ADA4622-4
Table 11. 14-Lead SOIC_N Pin Function Descriptions, ADA4622-4
Pin No.
Mnemonic
Description
1
OUT A
Output, Channel A.
2
−IN A
Inverting Input, Channel A.
3
+IN A
Noninverting Input, Channel A.
4
V+
Positive Supply Voltage.
5
+IN B
Noninverting Input, Channel B.
6
−IN B
Inverting Input, Channel B.
7
OUT B
Output, Channel B.
8
OUT C
Output, Channel C.
9
−IN C
Inverting Input, Channel C.
10
+IN C
Noninverting Input, Channel C.
11
V−
Negative Supply Voltage.
12
+IN D
Noninverting Input, Channel D.
13
−IN D
Inverting Input, Channel D.
14
OUT D
Output, Channel D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com