Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM708ARMZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADM708ARMZ
Description  Low Cost Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708ARMZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM708ARMZ Datasheet HTML 4Page - Analog Devices ADM708ARMZ Datasheet HTML 5Page - Analog Devices ADM708ARMZ Datasheet HTML 6Page - Analog Devices ADM708ARMZ Datasheet HTML 7Page - Analog Devices ADM708ARMZ Datasheet HTML 8Page - Analog Devices ADM708ARMZ Datasheet HTML 9Page - Analog Devices ADM708ARMZ Datasheet HTML 10Page - Analog Devices ADM708ARMZ Datasheet HTML 11Page - Analog Devices ADM708ARMZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADM705/ADM706/ADM707/ADM708
Rev. H | Page 9 of 12
Adding Hysteresis to the Power Fail Comparator
For increased noise immunity, hysteresis can be added to the
power fail comparator. Because the comparator circuit is
noninverting, hysteresis can be added by connecting a resistor
between the PFO output and the PFI input as shown in Figure 16.
7V TO 15V
INPUT
POWER
TO
MICROPROCESSOR
NMI
R3
5V
VCC
R1
R2
1.25V
PFI
PFO
ADP3367
5V
0V
0V VL
VIN
VH
–
+
PFO
ADM705/ADM706/
ADM707/ADM708
RESET
TO
MICROPROCESSOR
RESET
Figure 16. Adding Hysteresis to the Power Fail Comparator
When PFO is low, Resistor R3 sinks current from the summing
junction at the PFI pin. When PFO is high, Resistor R3 sources
current into the PFI summing junction. This results in differing
trip levels for the comparator. Further noise immunity can be
achieved by connecting a capacitor between PFI and GND. The
equations calculate the hysteresis are as follows:


R1
R3
R2
R3
R2
V
H
1
25
.
1
R3
V
R2
R1
V
CC
L
25
.
1
25
.
1
25
.
1
R2
R2
R1
V
MID
25
.
1
VALID RESET BELOW 1 V VCC
The ADM705/ADM706/ADM707/ADM708 are guaranteed to
provide a valid reset level with VCC as low as 1 V (see the Typical
Performance Characteristics section). As VCC drops below 1 V,
the internal transistor does not have sufficient drive to hold the
voltage RESET at 0 V. A pull-down resistor can connect externally,
as shown in Figure 17, to hold the line low if required.
ADM705/ADM706/
ADM707/ADM708
GND
RESET
R1
Figure 17. RESET Valid Below 1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com