Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM708ARMZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADM708ARMZ
Description  Low Cost Microprocessor Supervisory Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM708ARMZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM708ARMZ Datasheet HTML 4Page - Analog Devices ADM708ARMZ Datasheet HTML 5Page - Analog Devices ADM708ARMZ Datasheet HTML 6Page - Analog Devices ADM708ARMZ Datasheet HTML 7Page - Analog Devices ADM708ARMZ Datasheet HTML 8Page - Analog Devices ADM708ARMZ Datasheet HTML 9Page - Analog Devices ADM708ARMZ Datasheet HTML 10Page - Analog Devices ADM708ARMZ Datasheet HTML 11Page - Analog Devices ADM708ARMZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADM705/ADM706/ADM707/ADM708
Data Sheet
Rev. H | Page 10 of 12
APPLICATIONS INFORMATION
A typical application circuit is shown in Figure 18. The un-
regulated dc input supply is monitored using PFI via the resistive
divider network. Resistor R1 and Resistor R2 must be selected
so when the supply voltage drops below the desired level (such
as 8 V), the voltage on PFI drops below the 1.25 V threshold,
thereby generating an interrupt to the microprocessor. Monitoring
the preregulator input provides additional time to execute an
orderly shutdown procedure before power is lost.
7V TO 15V
INPUT
POWER
MICROPROCESSOR
5V
VCC
R1
R2
1.25V
PFI
PFO
ADP3367
–
+
RESET
INTERRUPT
RESET
ADM705/ADM706/
ADM707/ADM708
Figure 18. Typical Application Circuit
Microprocessor activity is monitored using WDI. This is driven
using an output line from the processor. The software routines
toggle this line at least once every 1.60 seconds. If a problem occurs
and this line is not toggled, WDO goes low and a nonmaskable
interrupt is generated. This interrupt routine can clear the problem.
If, in the event of inactivity on the WDI line, a system reset is
required, WDO must connect to MR as shown in Figure 19.
ADM705/
ADM706
RESET
GND
I/O LINE
MICROPROCESSOR
MR
WDI
WDO
RESET
Figure 19. RESET From WDO
MONITORING ADDITIONAL SUPPLY LEVELS
It is possible to use the power fail comparator to monitor a
second supply as shown in Figure 20. The two sensing resistors,
R1 and R2, are selected so the voltage on PFI drops below 1.25 V at
the minimum acceptable input supply. PFO can connect to MR so
a reset is generated when the supply drops out of tolerance. In
this case, if either supply drops out of tolerance, a reset is generated.
ADM705/
ADM706
RESET
GND
MR
PFI
PFO
RESET
VCC
R1
R2
VX
5V
MICROPROCESSOR
Figure 20. Monitoring 5 V and an Additional Supply, VX
MICROPROCESSOR WITH BIDIRECTIONAL RESET
To prevent contention for microprocessors with a bidirectional
reset line, a current limiting resistor must be inserted between
the ADM705/ADM706/ADM707/ADM708 RESET output pin
and the microprocessor RESET pin. This limits the current to a
safe level if there are conflicting output reset levels. A suitable
resistor value is 4.7 kΩ. If the reset output is required for other
uses, it must be buffered, as shown in Figure 21.
ADM70x
RESET
GND
RESET
GND
BUFFERED
RESET
5V
VCC
MICROPROCESSOR
Figure 21. Bidirectional Input/Output RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com