Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3257LEX Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PI3B3257LEX
Description  3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3B3257LEX Datasheet(HTML) 3 Page - Diodes Incorporated

  PI3B3257LEX Datasheet HTML 1Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 2Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 3Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 4Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 5Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 6Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 7Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
A product Line of
Diodes Incorporated
PI3B3257
www.diodes.com
April 2018
Diodes Incorporated
PI3B3257
Document Number DS40430 Rev 2-2
Notes:
1.
This parameter is guaranteed but not tested on Propagation Delays.
2.
The bus switch contributes no propagational delay other than the RC delay of the On-Resistance of the switch and the load capacitance. The switch’s time constant
alone is of the order of 0.25ns for 50pF load. Since this time constant is much smaller than the rise/fall times of typical driving signals, it adds very little propaga-
tional delay to the system. Propagational delay of the bus switch when used in a system is determined by the driving circuit on the driving side of the switch and
its interaction with the load on the driven side.
Switching Characteristics Over Operating Range
Parameters Description
Conditions
PI3B3257
Units
Com.
Min.
Max.
tIY
Propagation Delay In to Yn(1,2)
CL = 50pF
RL = 500Ω
0.25
ns
tSY
Bus Select Time, Sn to Yn
1
4.5
tPZH
tPZL
Bus Enable Time, E to Yn
1
4.5
tPHZ
tPLZ
Bus Disable Time, E to Yn
1
4.8
Applications Information
Logic Inputs
The logic control inputs can be driven up to +3.6V regardless of the supply voltage. For example, given a + 3.3V supply, IN may be driven
low to 0V and high to 3.6V. Driving IN Rail-to-Rail® minimizes power consumption.
Power-Supply Sequencing and Hot-Plug Information
Proper power-supply sequencing is recommended for all CMOS devices. Always apply VCC and GND before applying signals to input/
output or control pins.
Rail-to-Rail is a registeredtrademark of Nippon Motorola, Ltd.
Part Marking
Q Package
W Package
L Package
PI3B
3257QE
YWXX
Y: Year
W: Workweek
1st X: Assembly Site Code
2nd X: Fab Site Code
PI3B
3257WE
YYWWXX
YY: Date Code (Year)
WW: Date Code (Workweek)
1st X: Assembly Site Code
2nd X: Fab Site Code
PI3B
3257LE
YYWWXX
YY: Year
WW: Workweek
1st X: Assembly Site Code
2nd X: Fab Site Code
wDZHDE
YWXX
Y: Year
W: Workweek
1st X: Assembly Site Code
2nd X: Fab Site Code
ZHD Package



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com