Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3B3257LEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3B3257LEX
Description  3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3B3257LEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3B3257LEX Datasheet HTML 1Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 2Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 3Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 4Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 5Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 6Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 7Page - Diodes Incorporated PI3B3257LEX Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.diodes.com
April 2018
Diodes Incorporated
PI3B3257
Document Number DS40430 Rev 2-2
Pin Description
Pin Name
Description
IAN-IDN
Data Inputs
S
Select Inputs
E
Enable
YA-YD
Data Outputs
GND
Ground (1)
VCC
Power
NC
No Connect
Description
The PI3B3257 is a 3.3 Volt, Quad 2:1 multiplexer/demultiplexer
with three-state outputs that is pinout and function compatible
with the PI74FCT257T, 74F257, and 74ALS/AS/LS257. Inputs can
be connected to outputs with low On-Resistance (5Ω) with no
additional ground bounce noise or propagation delay.
Block Diagram
Features
¼
Near-Zero propagation delay
¼
5Ω switches connect inputs to outputs
¼
Fast Switching Speed: 4.8ns max.
¼
Ultra-Low Quiescent Power: 0.1µA typical
– Ideally suited for notebook applications
¼
Pin compatible with 74 series 257 logic devices
¼
Packaging (Pb-free & Green avaliable):
– 16-pin, QSOP (Q)
– 16-pin, SOIC (W)
– 16-pin, TSSOP (L)
– 16-pin, UQFN (ZHD)
Pin Configuration
(QSOP, SOIC, TSSOP)
Note:
1. H = High Voltage Level
L = Low Voltage Level
E
IA0
IA1 IB0 IB1 IC0 IC1 ID0 ID1
S
YA
YB
YC
YD
IY
E
SW
SW
SW
SW
SW
SW
SW
SW
SW
Truth Table(1)
E
S
YA
YB
YC
YD
Function
H
X
Hi-Z Hi-Z
Hi-Z
Hi-Z
Disable
L
L
IA0
IB0
IC0
ID0
S = 0
L
H
IA1
IB1
IC1
ID1
S = 1
VCC
S
1
E
IA0
2
ID0
I
A1
3
ID1
YA
4
YD
I
B0
5
16
IC0
I
B1
6
15
IC1
YB
7
14
YC
8
13
12
GND
11
10
9
A product Line of
Diodes Incorporated
PI3B3257
1
2
3
4
5
6
7
8
12
11
10
9
16
15
14
13
S
I 0
A
I 1
A
A
Y
C
Y
I 1
C
I 0
C
D
Y
Pin Configuration
(UQFN)
3.3V, Quad 2:1 Mux/DeMux NanoSwitch™
Transparent top view
Note 1: UQFN16 package die supply ground is connected to both GND pin and
exposed center pad. GND pin must be connected to supply ground for proper de-
vice operation. For enhanced thermal, electrical, and board level performance, the
exposed pad needs to be soldered to the board using a corresponding thermal pad
on the board and for proper heat conduction through the board, thermal vias need
to be incorporated in the PCB in the thermal pad region.


Similar Part No. - PI3B3257LEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257LE PERICOM-PI3B3257LE Datasheet
706Kb / 7P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
More results

Similar Description - PI3B3257LEX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B3257 PERICOM-PI3B3257 Datasheet
192Kb / 5P
3.3V, Quad 2:1 Mux/Demux Bus Switch
PI3B3253 PERICOM-PI3B3253 Datasheet
354Kb / 5P
Mux/DeMux NanoSwitch?
PI3B16224 PERICOM-PI3B16224 Datasheet
100Kb / 3P
DeMux/Mux NanoSwitch
PI3B3257A PERICOM-PI3B3257A Datasheet
313Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3257QEX PERICOM-PI3B3257QEX Datasheet
706Kb / 7P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
PI3B3253LEX PERICOM-PI3B3253LEX Datasheet
431Kb / 5P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
PI3B33X257 PERICOM-PI3B33X257_04 Datasheet
379Kb / 4P
3.3V, 24:12 Mux/DeMux NanoSwitch
PI3B3251 PERICOM-PI3B3251_09 Datasheet
342Kb / 5P
3.3V, 8:1 Mux/DeMux NanoSwitch
PI3B3257A PERICOM-PI3B3257A_11 Datasheet
469Kb / 4P
3.3V, Quad 2:1 Mux/DeMux NanoSwitch
logo
Diodes Incorporated
PI3B3253ZHDEX DIODES-PI3B3253ZHDEX Datasheet
649Kb / 7P
3.3V, Dual 4:1 Mux/DeMux NanoSwitch
September 2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com