Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3DPX1202A1ZBEX Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PI3DPX1202A1ZBEX
Description  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3DPX1202A1ZBEX Datasheet(HTML) 1 Page - Diodes Incorporated

  PI3DPX1202A1ZBEX Datasheet HTML 1Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 2Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 3Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 4Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 5Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 6Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 7Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 8Page - Diodes Incorporated PI3DPX1202A1ZBEX Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
A product Line of
Diodes Incorporated
1 of 51
www.diodes.com
February 2020
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev 3-3
PI3DPX1202A
Description
PI3DPX1202A is DisplayPort 1.2 standard compliant, very low
power DP Redriver.
The device can read the Aux-channel Link Training (LT)Swing and
Pre-emphasis data between Transmitter and Receiver, configure
the output swing / Pre-emphasis, and automatically calculates EQ
based on Swing/Pre-emphasis LT values through the built-in Aux
listener. EQ can program by the I2C serial interface.
The device can reduce signal jitter caused by transmission line ef-
fects,andcompensateforthePCB-relatedfrequencyandswitching-
related loss to provide optimum DP performance between the link.
Features
Î
Dual mode DisplayPort Redriver, DP 1.2 Specification compliant
Î
Support all 1.62 / 2.7 / 5.4 Gbps data rate with DDC/Aux signal
switching
Î
High speed inputs with internal 50 Ohm pull-down
Î
Ultra Low-power design
Î
DualmodeDisplayPortInput/OutputwithTMDSclockFrequencies
up to 340 MHz
Î
Aux Listener support link training and configure output level, pre-
emphasis setting during link initialization. Aux Listener supports
"sink Request test mode"
Î
Pseudo-adaptiveequalizationbasedonsignallevelandpre-emphasis
setting in Aux register
Î
CNTRL provides pin control EQ, Output Voltage Swing and Pre-
Emphasis
Î
DP and TMDS output mode selection with Cable Detection pins
Î
Support Hot Plug Detect and Cable Detect function
Î
IndividuallanepowerdownautomaticallywhennoDPsignalpresent
Î
DPredriverenterpowerdownstatetoreducecurrentconsumption
when sink device deserted
Î
Power Supply : 3.3V
Î
ESD HBM protection 2kV
Î
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Î
Halogen and Antimony Free. “Green” Device (Note 3)
Î
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please contact us
or your local Diodes representative.
https://www.diodes.com/quality/product-definition
Î
Package: 48-pin TQFN (7x7mm)
Typical Applications
Î
Notebook, AIO and Desktop PCs
Î
Graphic Cards
DP1.2 Redriver
+ Aux/DDC Switch
DP++ Host
CPU
dGPU
DP Mainlink(p/n)
Aux-ch(p/n)
NoteBook PC DP++ Redriver
DisplayPort
Connector
Figure: NB Application Block Diagram
Ordering Information
Ordering Code Package
Code
Package Type
PI3DPX1202A2
ZBEX
ZB
3.3V only power, Pb-free & Green,
48-pin TQFN
PI3DPX1202A2
ZBIEX
ZB
Industrial Temperature,
3.3V only power, Pb-free & Green,
48-pin TQFN
PI3DPX1202A1
ZBEX
ZB
3.3V only power, Pb-free & Green,
48-pin TQFN
PI3DPX1202A1
ZBIEX
ZB
Industrial Temperature,
3.3V only power, Pb-free & Green,
48-pin TQFN
Note:
1.
No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/
EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2.
See https://www.diodes.com/quality/lead-free/ for more information about
Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3.
Halogen- and Antimony-free "Green” products are defined as those which
contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
4.
E = Pb-free and Green
5.
X suffix = Tape/Reel
6.
I = Industrial Temperature
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
b
P
Lead-free Green
Not Recommended for New Design, Use PI3DPX1203B


Similar Part No. - PI3DPX1202A1ZBEX

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3DPX1202A1 DIODES-PI3DPX1202A1 Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
More results

Similar Description - PI3DPX1202A1ZBEX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI3EQXDP1201 PERICOM-PI3EQXDP1201 Datasheet
1Mb / 16P
3.3V, 4-Ch DisplayPort 1.2 Redriver with Aux Listener/AutoTest mode
PI3VDP3212 PERICOM-PI3VDP3212 Datasheet
1Mb / 12P
2-Lane DisplayPort Rev 1.2 Compliant Switch
PI3VDP12412 PERICOM-PI3VDP12412 Datasheet
927Kb / 12P
4-Lane DisplayPort Rev 1.2 Compliant Switch
PI3WVR12412 PERICOM-PI3WVR12412 Datasheet
1Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
PI3WVR12612 PERICOM-PI3WVR12612 Datasheet
2Mb / 13P
HDMI 2.0, DisplayPort 1.2 Video Switch
logo
Texas Instruments
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
logo
Diodes Incorporated
PI3DPX1202A DIODES-PI3DPX1202A Datasheet
3Mb / 51P
Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
Rev 2-1
PI3WVR12412 DIODES-PI3WVR12412 Datasheet
1Mb / 14P
HDMI 2.0, DisplayPort 1.2 Video Switch
November 2021
PI3AUX221 DIODES-PI3AUX221 Datasheet
638Kb / 1P
AUX/DDC Interface IC
Rev 3 November 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com