Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSK-S15 Datasheet(PDF) 3 Page - CUI INC

Part # FSK-S15
Description  switching power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

FSK-S15 Datasheet(HTML) 3 Page - CUI INC

  FSK-S15 Datasheet HTML 1Page - CUI INC FSK-S15 Datasheet HTML 2Page - CUI INC FSK-S15 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
18.0 0.709
21.0 0.827
0.531
13.5
0.177
4.5
15.0 0.591
0.157
4.0
0.157
4.0
62.0 2.441
Website: www.cui.com
B
-Vout
6
+Vout
±0.3mm UNLESS OTHERWISE
RoHS
TOLERANCE:
SPECIFIED
No Pin
Pin Number
PIN ASSIGNMENTS
FG
AC (N)
No Pin
3
Single Output
1
2
4
AC (L)
5
7
8
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
No Pin
FSK-S15
FSK-S15
MM [INCHES]
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
SCALE:
JMS
1:1
AC-DC CONVERTER
2008 BY CUI INC.
TITLE:
COPYRIGHT
REV:
Notes:
1. All dimensions are in mm [inches]
2. Weight: 100g or less
REV.
DESCRIPTION
DATE
A
NEW DRAWING
9/11/2006
B
corrected pin 5 and 7 output assignments
11/24/2008
Scale 1:2
7
IN
OUT
3
2
1
1.0 [0.039]
(5 PLCS)
5
45.0 1.772
8.0 0.315
(TYP)
70.0 2.756
19.5 0.768
Additional Resources: Product Page



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com