Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSK-S15 Datasheet(PDF) 1 Page - CUI INC

Part # FSK-S15
Description  switching power supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

FSK-S15 Datasheet(HTML) 1 Page - CUI INC

  FSK-S15 Datasheet HTML 1Page - CUI INC FSK-S15 Datasheet HTML 2Page - CUI INC FSK-S15 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
rev.
page
date
page
date
DESCRIPTION: switching power supply
1 of 3
04/2010
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
SERIES: FSK-S15
features
·UL, C-UL, CB, CE Marking
·encapsulated compact case
·high efficiency
·universal input
·surface mounting technology
·built in EMI filter
·inrush current limit
·67kHz fixed frequency
·fixed output voltage
·thermal shutdown
·short circuit protection
·low output ripple and noise
·isolated output
·2 year warranty
model
input
output
power
ripple & noise
efficiency
number
voltage
voltage
max.
max.
(%)
FSK-S15-3R3U
AC 85-264V / DC 110-340V
3.3V @ 3.0A
9.9 W
80 mVp-p
75
FSK-S15-5U
AC 85-264V / DC 110-340V
5V @ 3.0A
15.0 W
80 mVp-p
75
FSK-S15-12U
AC 85-264V / DC 110-340V
12V @ 1.3A
15.6 W
120 mVp-p
78
FSK-S15-15U
AC 85-264V / DC 110-340V
15V @ 1.0A
15.0 W
150 mVp-p
78
FSK-S15-24U
AC 85-264V / DC 110-340V
24V @ 0.65A
15.6 W
200 mVp-p
78
INPUT
parameter
conditions/description
min
nom
max
units
input frequency
47
(50~60)
440
Hz
input voltage
85
264
VAC
110
340
VDC
input current
AC input of 110 VAC
0.31
A
AC input of 220 VAC
0.16
A
inrush current
measured at 110 VAC at full load, cold start
30
A
measured at 220 VAC at full load, cold start
60
A
leakage current
measured at 110 VAC
0.5
mA
measured at 220 VAC
0.75
mA
OUTPUT
parameter
conditions/description
min
nom
max
units
voltage tolerance
-2%
+2%
ripple and noise
-1%
+1%
line regulation
-1%
+1%
load regulation
-1%
+1%
dynamic load regulation
-3%
+3%
temperature drift
-1%
+1%
rise time
400
ms
hold-up time
10
ms
Additional Resources: Product Page


Similar Part No. - FSK-S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSK-S15 ETC1-FSK-S15 Datasheet
50Kb / 3P
FSK15 SERIES AC/DC CONVERTERS
logo
CUI INC
FSK-S15 CUI-FSK-S15 Datasheet
94Kb / 3P
switching power supply
logo
List of Unclassifed Man...
FSK-S15-12U ETC1-FSK-S15-12U Datasheet
50Kb / 3P
FSK15 SERIES AC/DC CONVERTERS
logo
CUI INC
FSK-S15-12U CUI-FSK-S15-12U Datasheet
65Kb / 2P
FSK-S15 Series AC-DC Converter
FSK-S15-12U CUI-FSK-S15-12U Datasheet
94Kb / 3P
switching power supply
More results

Similar Description - FSK-S15

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com