Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 5 Page - Analog Devices

Part # AD9956/PCB
Description  Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 5 Page - Analog Devices

  AD9956/PCB Datasheet HTML 1Page - Analog Devices AD9956/PCB Datasheet HTML 2Page - Analog Devices AD9956/PCB Datasheet HTML 3Page - Analog Devices AD9956/PCB Datasheet HTML 4Page - Analog Devices AD9956/PCB Datasheet HTML 5Page - Analog Devices AD9956/PCB Datasheet HTML 6Page - Analog Devices AD9956/PCB Datasheet HTML 7Page - Analog Devices AD9956/PCB Datasheet HTML 8Page - Analog Devices AD9956/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD9956/PCB
Rev. 0 | Page 5 of 12
CONTROL DIALOG BOX
Use the Control dialog box to enable and disable individual
device functions, program the input clock speed, and toggle
various other options. Figure 3 shows the sections of the
Control
dialog box: Clock, Output Waveform, Linear Sweep,
Power Down
, Accumulator Control, and Sync Multi DUT’s.
Click Charge Pump/Clock Driver Window, I/O Interface
Window,
or DUT Signals Window to access these dialog
boxes.
LOAD and READ
At the bottom right of the dialog box are the LOAD and READ
buttons.
After you have made changes to the evaluation software, click
LOAD
to send the data to the device. In addition to sending
data, you can also configure LOAD to automatically send an
I/O update signal to the DUT when the software finishes
sending data. See the DUT Signals Dialog Box section for
details. When new data is ready to be sent, LOAD flashes
green, indicating that a you need to issue a LOAD.
Click READ to perform a readback of the currently program-
med status of the device and to update the GUI with the current
settings.
Figure 3. Control Dialog Box
Clock
To program the reference clock and the RF prescalar values:
1.
In the Ref Clock box, type the operating frequency of the
external reference clock. The maximum is 2.7 GHz.
2.
In the Divider Ratio box, select a divider value for the RF
prescalar. The value must be in the range of 1 and 8.
3.
Click LOAD.
To bypass the RF divider and pipe the REFCLK input directly to
the DDS core, select RF Divider RefClk Mux. Even though the
divider operates at /1, /2, /4, or /8, and this divided signal can be
ported to the PECL driver, the raw, undivided REFCLK is used
as the internal system clock when this box is checked. Do not
select this box, if the REFCLK input is greater than 400 MHz.
Output Waveform
In the Output Waveform box, select either a cosine(x) or a
sine(x) function for the angle-to-amplitude conversion.
Linear Sweep
Use the Linear Sweep section to enable the linear sweep
functions of the DDS. See the AD9956 data sheet for a detailed
explanation of these modes of operation.
Select Enable to turn on the frequency accumulator. If the No
Dwell
box is not checked, the part is set in ordinary linear
sweep mode.
Select both Enable and No Dwell to put the part into linear
sweep no-dwell mode.
When you select Load SRR @ I/O Update, the current
countdown of the sweep ramp rate is cleared every time an
I/O_UPDATE signal is sent to the part. When using manual
programming through the GUI, it is almost impossible to notice
the effect of this function because the sweep ramp rates cycle
through their countdown timers in less than 655 µs, even when
programmed to a maximum value.
The linear sweep parameters (delta frequencies and ramp rates)
are controlled in the Linear Sweep section (see Figure 3). The
sweep itself, however, is controlled by the Ramp Up and Ramp
Down
buttons, which appear at the bottom of the Profile dialog
box when the Linear Sweep Enable box is checked. See the
Profile Dialog Box section for details.
Power Down
In the Power Down section, select the check boxes for the
circuit blocks that you want to power down.
Accumulator Control
This section controls the clear functions for the phase and
frequency accumulators.
Select Auto Clear Frequency Accum. or Auto Clear Phase
Accum.
to clear and release the corresponding accumulator.
The auto clear function sets the accumulator to a known value
of 0 and then begins accumulating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com