Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956/PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD9956/PCB
Description  Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956/PCB Datasheet(HTML) 1 Page - Analog Devices

  AD9956/PCB Datasheet HTML 1Page - Analog Devices AD9956/PCB Datasheet HTML 2Page - Analog Devices AD9956/PCB Datasheet HTML 3Page - Analog Devices AD9956/PCB Datasheet HTML 4Page - Analog Devices AD9956/PCB Datasheet HTML 5Page - Analog Devices AD9956/PCB Datasheet HTML 6Page - Analog Devices AD9956/PCB Datasheet HTML 7Page - Analog Devices AD9956/PCB Datasheet HTML 8Page - Analog Devices AD9956/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Evaluation Board for
2.7 GHz DDS-Based AgileRF™ Synthesizer
AD9956/PCB
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
EVALUATION BOARD FUNCTIONAL BLOCK DIAGRAM
÷M
DDS
÷R
VCO
÷N
LPF
AD9956
LPF
VCO AND LOOP FILTER ONLY POPULATED ON
AD9956-VCO/PCB. THESE SOCKETS LEFT VACANT
FOR USER TO POPULATE ON AD9956/PCB
J16
J6
J7
J1
REFCLK
RF
DIVIDER
SYSCLK
DAC IOUT
DAC IOUT
DRV_OUT
DRV_OUT
SYSCLK
REFCLK
PLL_OSC
CML DRIVER
PHASE FREQUENCY DETECTOR/
CHARGE PUMP
PLL_REF
PLL_OSC
CP_OUT
J2
J3
50
Ω
J4
J5
Figure 1.
DESCRIPTION
This data sheet describes the AD9956/PCB evaluation board
hardware and software. The current version of software
provides a graphical user interface (GUI) that allows easy
communication with the many on-chip functions of the device.
The AD9956 is a highly sophisticated AgileRF synthesizer with
numerous user-programmable functions. See the AD9956 data
sheet for detailed information about the part.


Similar Part No. - AD9956/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9956/PCB AD-AD9956/PCB Datasheet
805Kb / 32P
2.7 GHz DDS-Based AgileRF
Jul-2004
AD9956/PCB AD-AD9956/PCB Datasheet
535Kb / 32P
2.7 GHz DDS-Based AgileRFTM Synthesizer
Rev. B
More results

Similar Description - AD9956/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADF4112EB1 AD-EVAL-ADF4112EB1 Datasheet
176Kb / 6P
CDMA Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4113EB1 AD-EVAL-ADF4113EB1 Datasheet
177Kb / 6P
GSM900 Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF411XEB1 AD-EVAL-ADF411XEB1 Datasheet
175Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4208EB1 AD-EVAL-ADF4208EB1 Datasheet
410Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4212EB1 AD-EVAL-ADF4212EB1 Datasheet
387Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF4213EB1 AD-EVAL-ADF4213EB1 Datasheet
277Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
EVAL-ADF421XEB1 AD-EVAL-ADF421XEB1 Datasheet
247Kb / 6P
Evaluation Board For PLL Frequency Synthesizer
AD9956 AD-AD9956 Datasheet
805Kb / 32P
2.7 GHz DDS-Based AgileRF
Jul-2004
AD9956 AD-AD9956_15 Datasheet
786Kb / 32P
2.7 GHz DDS-Based AgileRF Synthesizer
REV. A
UG-207 AD-UG-207 Datasheet
963Kb / 16P
Evaluation Board for 1 GSPS DDS with 14-Bit DAC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com