Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254 Datasheet(PDF) 11 Page - Analog Devices

Part # ADA4254
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADA4254 Datasheet HTML 7Page - Analog Devices ADA4254 Datasheet HTML 8Page - Analog Devices ADA4254 Datasheet HTML 9Page - Analog Devices ADA4254 Datasheet HTML 10Page - Analog Devices ADA4254 Datasheet HTML 11Page - Analog Devices ADA4254 Datasheet HTML 12Page - Analog Devices ADA4254 Datasheet HTML 13Page - Analog Devices ADA4254 Datasheet HTML 14Page - Analog Devices ADA4254 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 11 of 59
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VDDH = 28 V, VSSH = −28 V, AVDD = 5 V, AVSS = 0 V, DVDD = 3.3 V, DVSS = 0 V, VOCM = AVDD/2, and no load,
unless otherwise noted.
OFFSET VOLTAGE (µV)
0
5
10
15
20
25
30
35
40
45
50
–10
–8
–6
–4
–2
02468
10
N = 120 UNITS
µ = 0.24µV
σ = 2.4µV
Figure 7. Offset Voltage Distribution, RTI (Gain = 128 V/V)
0
5
10
15
20
25
30
35
40
45
50
–100 –80 –60 –40 –20
0
20
40
60
80
100
OFFSET VOLTAGE (µV)
N = 120 UNITS
µ = –19.2µV
σ = 22.2µV
Figure 8. Offset Voltage Distribution, RTI (Gain = 1 V/V)
0
5
10
15
20
25
30
35
40
45
50
–2.0 –1.6 –1.2 –0.8 –0.4
0
0.4
0.8
1.2
1.6
2.0
OFFSET VOLTAGE (mV)
N = 120 UNITS
µ = –0.34mV
σ = 0.36mV
Figure 9. Offset Voltage Distribution, RTI (Gain = 1/16 V/V)
0
5
10
15
20
25
30
35
40
45
50
–80 –64 –48 –32 –16
0
16
32
48
64
80
OFFSET VOLTAGE DRIFT (nV/°C)
N = 120 UNITS
µ = –11.4nV/°C
σ = 15.7nV/°C
TA = –40°C TO +105°C
Figure 10. Offset Voltage Drift Distribution, RTI (Gain = 128 V/V)
0
5
10
15
20
25
30
35
40
45
50
–2.0 –1.6 –1.2 –0.8 –0.4
0
0.4
0.8
1.2
1.6
2.0
OFFSET VOLTAGE DRIFT (µV/°C)
N = 120 UNITS
µ = –0.29µV/°C
σ = 0.43µV/°C
TA = –40°C TO +105°C
Figure 11. Offset Voltage Drift Distribution, RTI (Gain = 1 V/V)
OFFSET VOLTAGE DRIFT (µV/°C)
0
5
10
15
20
25
30
35
40
45
50
–30 –24
–18 –12
–6
0
6
12
18
24
30
N = 120 UNITS
µ = –4.84µV/°C
σ = 6.9µV/°C
TA = –40°C TO +105°C
Figure 12. Offset Voltage Drift Distribution, RTI (Gain = 1/16 V/V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com