Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4254 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4254
Description  Zero Drift, High Voltage, Low Power, Programmable Gain Instrumentation Amplifier
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4254 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4254 Datasheet HTML 17Page - Analog Devices ADA4254 Datasheet HTML 18Page - Analog Devices ADA4254 Datasheet HTML 19Page - Analog Devices ADA4254 Datasheet HTML 20Page - Analog Devices ADA4254 Datasheet HTML 21Page - Analog Devices ADA4254 Datasheet HTML 22Page - Analog Devices ADA4254 Datasheet HTML 23Page - Analog Devices ADA4254 Datasheet HTML 24Page - Analog Devices ADA4254 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
Data Sheet
ADA4254
Rev. B | Page 21 of 59
20µs/DIV
– IN1 INPUT SIGNAL
+IN1 = 0V
INPUT OVERLOADED
DIFFERENTIAL
OUTPUT VOLTAGE
FAULT INTERRUPT
Figure 67. Input Overload Recovery Step Response (Gain = 1/16 V/V)
TEMPERATURE (°C)
0
10
20
30
40
50
60
–40
–20
0
20
40
60
80
100
120
AVDD = 5V, HEADROOM TO AVDD
AVDD = 2.7V, HEADROOM TO AVSS
AVDD = 2.7V, HEADROOM TO AVDD
AVDD = 5V, HEADROOM TO AVSS
Figure 68. Output Headroom vs. Temperature
TEMPERATURE (°C)
–2.5
2.5
–2.0
2.0
–1.5
1.5
–1.0
1.0
–0.5
0
0.5
–40
–20
0
20
40
60
80
100
120
Figure 69. Internal Oscillator Frequency Error vs. Temperature
20µs/DIV
– IN1 INPUT SIGNAL
+IN1 = 0V
DIFFERENTIAL
OUTPUT VOLTAGE
FAULT INTERRUPT
Figure 70. Large Step Response (Gain = 1/16 V/V)
0
10
20
30
40
50
60
70
80
110
100
CAPACITIVE LOAD (nF)
RSERIES = 0Ω
RSERIES = 30Ω
RSERIES = 100Ω
RSERIES = 10Ω
Figure 71. Overshoot/Undershoot vs. Capacitive Load
TEMPERATURE (°C)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
–40
–20
0
20
40
60
80
100
120
VIL AT DVVD = 2.7V
VIH AT DVDD = 2.7V
VIL AT DVDD = 5.5V
VIH AT DVDD = 5.5V
Figure 72. GPIO Threshold Voltage vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com