Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956-VCO/PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD9956-VCO/PCB
Description  Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956-VCO/PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9956-VCO/PCB Datasheet HTML 3Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 4Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 5Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 6Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 7Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 8Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 9Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 10Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD9956/PCB
Rev. 0 | Page 7 of 12
CLOCK DRIVER CONTROL, PHASE-FREQUENCY
DETECTOR & CHARGE PUMP DIALOG BOX
This dialog box controls the phase detector, charge pump, and
PECL driver components of the device. Use this dialog box to
modify the parameters that control these functions. The dialog
box has two sections: (CML) Clock Driver and Phase-
Frequency Detector/Charge Pump
, shown in Figure 6.
Figure 6. Clock Driver Control, Phase-Frequency Detector &
Charge Pump Dialog Box
(CML) Clock Driver
The on-chip clock driver is current-mode logic (CML) that is
PECL-compliant when properly terminated. The driver can
operate at up to 650 MHz.
To power down the CML driver, select the Clock Driver Power
Down
check box.
Use the Input Select section to specify the signal that is fed to
the input of the CML driver. Select RF Divider Input (REFCLK),
RF Divider Output
(SYSCLK), or the OSC Input.
The full-scale output current for the CML driver is normally
programmed by connecting an external resistor from the DUT
pin, DRV_RSET, to analog ground. However, if you want to use
an internal current programming resistor, select Use Internal
Rset
.
Use the Adding Rise Surge Current and Adding Falling Surge
Current
drop-down menus to change the slew rate of the
output of the PECL driver in response to different capacitive
loads to critically damp the response. See the AD9956 data
sheet for a description of how these values impact the slew rate.
Phase-Frequency Detector/Charge Pump
This section controls the PLL components of the AD9956 and
the CML (PECL-compliant when properly terminated) clock
driver circuits. The first two check boxes allow you to power
down the phase detector and charge pump.
Select Charge Pump Full Powerdown to power down the
entire charge pump. A delay occurs when coming out of this
power-down to reestablish the correct charge pump current.
Select Charge Pump Quick Powerdown to power down the
phase-detector logic while keeping the charge pump current
flowing. No settling time is needed to reestablish the charge
pump current.
Select Enable Crystal Oscillator to turn on an oscillator
function in the phase detector REFERENCE input. When this
function is selected, you can use an external crystal on the
REFERENCE input to stimulate an internal oscillator as the
reference for the PLL.
Move the Charge Pump Current slider to set the multiplier
value for the charge pump reference current. The actual current
from the charge pump, based on the external Rset value, is
shown beneath the slider. The charge pump reference current is
equal to 1.51/CP_Rset, in mA, by the default setting of 3.09 kΩ
on the evaluation board. The base output current of the charge
pump is 500 µA, which can be gained up to 4 mA. The charge
pump polarity changes the loop polarity for a ground-
referenced VCO or a supply-referenced VCO.
The phase detector IF prescalers, Divider N and Divider M, set
the divide-by value on the inputs to the phase detector. The
dividers operate at up to 650 MHz, although the phase detector
inputs themselves operate only up to 200 MHz. You must use
these dividers for any frequencies sent to the phase detector
beyond 200 MHz.
The Pll Lock Detect Ctrl section controls the lock detect
functionality of the AD9956. To enable the lock detect signal,
select the Lock Detect Enable check box. The lock detect signal
can work in two modes. When you select Lock Detect, Logic 1
indicates that the loop has achieved a locked state, and Logic 0
indicates that the loop is unlocked. When you select Phase
Polarity
, Logic 0 indicates that the reference signal leads the
feedback signal, and Logic 1 indicates that the reference signal
lags behind the feedback signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com