Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9956-VCO/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9956-VCO/PCB
Description  Evaluation Board for 2.7 GHz DDS-Based AgileRF??Synthesizer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9956-VCO/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9956-VCO/PCB Datasheet HTML 4Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 5Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 6Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 7Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 8Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 9Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 10Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 11Page - Analog Devices AD9956-VCO/PCB Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD9956/PCB
Rev. 0 | Page 10 of 12
ORDERING INFORMATION
ORDERING GUIDE
Model
Description
AD9956/PCB
Evaluation Board
AD9956-VCO/PCB
Evaluation Board with 2.4 GHz VCO and
Charge Pump Filter
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degrada-
tion or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com