Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7150ACPZ-1.8-R2 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM7150ACPZ-1.8-R2
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150ACPZ-1.8-R2 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM7150ACPZ-1.8-R2 Datasheet HTML 11Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 12Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 13Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 14Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 15Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 16Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 17Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 18Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADM7150
THEORY OF OPERATION
The ADM7150 is an ultralow noise, high power supply rejection
ratio (PSRR) linear regulator targeting radio frequency (RF)
applications. The input voltage range is 4.5 V to 16 V, and it can
deliver up to 800 mA of output current. Typical shutdown current
consumption is 0.1 µA at room temperature.
Optimized for use with 10 µF ceramic capacitors, the ADM7150
provides excellent transient performance.
VREG
GND
VOUT
VIN
EN
REF
REF_SENSE
REFERENCE
SHUTDOWN
ACTIVE
RIPPLE
FILTER
SHORT CIRCUIT,
THERMAL
PROTECT
OTA
E/A
BYP
Figure 51. Simplified Internal Block Diagram
Internally, the ADM7150 consists of a reference, an error amplifier,
and a P-channel MOSFET pass transistor. Output current is
delivered via the PMOS pass device, which is controlled by the
error amplifier. The error amplifier compares the reference
voltage with the feedback voltage from the output and amplifies
the difference. If the feedback voltage is lower than the reference
voltage, the gate of the PMOS device is pulled lower, allowing
more current to pass and increasing the output voltage. If the
feedback voltage is higher than the reference voltage, the gate of
the PMOS device is pulled higher, allowing less current to pass
and decreasing the output voltage.
By heavily filtering the reference voltage, the ADM7150 is able
to achieve 1.7 nV/√Hz output typical from 10 kHz to 1 MHz.
Because the error amplifier is always in unity gain, the output
noise is independent of the output voltage.
To maintain very high PSRR over a wide frequency range, the
ADM7150 architecture uses an internal active ripple filter. This
stage isolates the low output noise LDO from noise on VIN.
The result is that the PSRR of the ADM7150 is significantly
higher over a wider frequency range than any single stage LDO.
The ADM7150 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. When EN is high, VOUT
turns on, and when EN is low, VOUT turns off. For automatic
startup, EN can be tied to VIN.
VREG
VIN
REF_SENSE
REF
OUT
BYP
GND
EN
18V
6V
6V
6V
6V
6V
6V
6V
6V
18V
18V
Figure 52. Simplified ESD Protection Block Diagram
The ESD protection devices are shown in the block diagram as
Zener diodes (see Figure 52).
Rev. 0 | Page 15 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com