Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7150ACPZ-1.8-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM7150ACPZ-1.8-R2
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7150ACPZ-1.8-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM7150ACPZ-1.8-R2 Datasheet HTML 14Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 15Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 16Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 17Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 18Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 19Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 20Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 21Page - Analog Devices ADM7150ACPZ-1.8-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADM7150
Data Sheet
VIN (V)
16
+125°C
+25°C
–40°C
14
12
10
8
6
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Figure 59. Typical EN Fall Threshold vs. Input Voltage (VIN) for Various
Temperatures
The ADM7150 also incorporates an internal undervoltage
lockout circuit to disable the output voltage when the input
voltage is less than the minimum input voltage rating of the
regulator. The upper and lower thresholds are internally fixed
with about 300 mV of hysteresis.
VIN (V)
4.5
4.4
4.0
4.2
4.3
4.1
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VOUT_VIN_RISE
VOUT_VIN_FALL
Figure 60. Typical UVLO Hysteresis, VOUT = 3.3 V
Figure 60 shows the typical hysteresis of the UVLO function.
This hysteresis prevents on/off oscillations that can occur due to
noise on the input voltage as it passes through the threshold
points.
START-UP TIME
The ADM7150 uses an internal soft start to limit the inrush
current when the output is enabled. The start-up time for a 5 V
output is approximately 3 ms from the time the EN active threshold
is crossed to when the output reaches 90% of its final value.
The rise time of the output voltage (10% to 90%) is approximately
0.0012 × CBYP seconds
where CBYP is in microfarads.
TIME (Seconds)
0.020
0.016
0
0.008
0.012
0.004
0.018
0.014
0.006
0.010
0.002
0
6
5
4
3
2
1
ENABLE
CBYP = 1µF
CBYP = 4.7µF
CBYP = 10µF
Figure 61. Typical Start-Up Behavior with CBYP = 1 µF to 10 µF
TIME (Seconds)
0.20
0.16
0
0.08
0.12
0.04
0.18
0.14
0.06
0.10
0.02
0
6
5
4
3
2
1
ENABLE
CBYP = 10µF
CBYP = 47µF
CBYP = 330µF
Figure 62. Typical Start-Up Behavior with CBYP = 10 µF to 330 µF
REF, BYP, AND, VREG PINS
REF, BYP, and VREG are internally generated voltages that
require external bypass capacitors for proper operation. Do not,
under any circumstances, connect any loads to these pins because
doing so compromises the noise and PSRR performance of the
ADM7150. Using larger values of CBYP, CREF, and CREG is acceptable
but can increase the start-up time as described in the Start-Up
Time section.
Rev. 0 | Page 18 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com