Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7151ACPZ-02-R2 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM7151ACPZ-02-R2
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ACPZ-02-R2 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM7151ACPZ-02-R2 Datasheet HTML 14Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 15Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 16Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 17Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 18Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 19Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 20Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 21Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADM7151
Data Sheet
Rev. B | Page 18 of 24
ENABLE (EN) AND UNDERVOLTAGE LOCKOUT
(UVLO)
The ADM7151 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 55,
when a rising voltage on EN crosses the upper threshold,
VOUT turns on. When a falling voltage on EN crosses the lower
threshold, VOUT turns off. The hysteresis varies as a function
of the input voltage. For example, the EN hysteresis is
approximately 200 mV with an input voltage of 4.5 V.
VEN (V)
1.6
1.5
1.0
1.2
1.4
1.1
1.3
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VOUT_EN_RISE
VOUT_EN_FALL
Figure 55. Typical VOUT Response to EN Pin Operation, VOUT = 3.3 V, VIN = 5 V
VIN (V)
16
+125°C
+25°C
–40°C
14
12
10
8
6
1.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
Figure 56. Typical EN Rise Threshold vs. Input Voltage (VIN) for Various
Temperatures
VIN (V)
16
+125°C
+25°C
–40°C
14
12
10
8
6
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Figure 57. Typical EN Fall Threshold vs. Input Voltage (VIN) for Various
Temperatures
The ADM7151 also incorporates an internal undervoltage
lockout circuit to disable the output voltage when the input
voltage is less than the minimum input voltage rating of the
regulator. The upper and lower thresholds are internally fixed
with approximately 300 mV of hysteresis.
VIN (V)
4.5
4.4
4.0
4.2
4.3
4.1
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VOUT_VIN_RISE
VOUT_VIN_FALL
Figure 58. Typical UVLO Hysteresis, VOUT = 3.3 V
Figure 58 shows the typical hysteresis of the UVLO function.
This hysteresis prevents on/off oscillations that can occur due to
noise on the input voltage as it passes through the threshold
points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com