Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7151ACPZ-02-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM7151ACPZ-02-R2
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ACPZ-02-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM7151ACPZ-02-R2 Datasheet HTML 15Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 16Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 17Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 18Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 19Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 20Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 21Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 22Page - Analog Devices ADM7151ACPZ-02-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADM7151
Rev. B | Page 19 of 24
START-UP TIME
The ADM7151 uses an internal soft start to limit the inrush current
when the output is enabled. The start-up time for a 5 V output is
approximately 3 ms from the time the EN active threshold is
crossed to when the output reaches 90% of its final value.
The rise time of the output voltage (10% to 90%) is approximately
0.0012 × CBYP seconds
where CBYP is in microfarads.
TIME (Seconds)
0.020
0.016
0
0.008
0.012
0.004
0.018
0.014
0.006
0.010
0.002
0
6
5
4
3
2
1
ENABLE
CBYP = 1µF
CBYP = 4.7µF
CBYP = 10µF
Figure 59. Typical Start-Up Behavior with CBYP = 1 µF to 10 µF
TIME (Seconds)
0.20
0.16
0
0.08
0.12
0.04
0.18
0.14
0.06
0.10
0.02
0
6
5
4
3
2
1
ENABLE
CBYP = 10µF
CBYP = 47µF
CBYP = 330µF
Figure 60. Typical Start-Up Behavior with CBYP = 10 µF to 330 µF
REF, BYP, AND VREG PINS
REF, BYP, and VREG are internally generated voltages that
require external bypass capacitors for proper operation. Do not,
under any circumstances, connect any loads to these pins
because doing so compromises the noise and PSRR performance
of the ADM7151. Using larger values of CBYP, CREF, and CREG is
acceptable but can increase the start-up time, as described in
the Start-Up Time section.
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADM7151 is protected against damage due to excessive
power dissipation by current and thermal overload protection
circuits. The ADM7151 is designed to current limit when the
output load reaches 1.3 A (typical). When the output load
exceeds 1.3 A, the output voltage is reduced to maintain a
constant current limit.
Thermal overload protection is included, which limits the
junction temperature to a maximum of 155°C (typical). Under
extreme conditions (that is, high ambient temperature and/or
high power dissipation) when the junction temperature starts to
rise above 155°C, the output is turned off, reducing the output
current to zero. When the junction temperature drops below
140°C, the output is turned on again, and output current is
restored to its operating value.
Consider the case where a hard short from VOUT to GND occurs.
At first, the ADM7151 current limits, so that only 1.3 A is
conducted into the short. If self heating of the junction is great
enough to cause its temperature to rise above 155°C, thermal
shutdown activates, turning off the output and reducing the
output current to zero. As the junction temperature cools and
drops below 140°C, the output turns on and conducts 1.3 A into
the short, again causing the junction temperature to rise above
155°C. This thermal oscillation between 140°C and 155°C
causes a current oscillation between 1.3 A and 0 mA that
continues as long as the short remains at the output.
Current-limit and thermal limit protections are intended to
protect the device against accidental overload conditions. For
reliable operation, device power dissipation must be externally
limited so that the junction temperature does not exceed 150°C.
THERMAL CONSIDERATIONS
In applications with low input to output voltage differential, the
ADM7151 does not dissipate much heat. However, in applications
with high ambient temperature and/or high input voltage, the
heat dissipated in the package can become large enough that it
causes the junction temperature of the die to exceed the maximum
junction temperature of 150°C.
When the junction temperature exceeds 155°C, the converter
enters thermal shutdown. It recovers only after the junction
temperature decreases below 140°C to prevent any permanent
damage. Therefore, thermal analysis for the chosen application
is important to guarantee reliable performance over all conditions.
The junction temperature of the die is the sum of the ambient
temperature of the environment and the temperature rise of the
package due to the power dissipation, as shown in Equation 2.
To guarantee reliable operation, the junction temperature of the
ADM7151 must not exceed 150°C. To ensure that the junction
temperature stays below this maximum value, the user must be
aware of the parameters that contribute to junction temperature
changes. These parameters include ambient temperature, power
dissipation in the power device, and thermal resistances between
the junction and ambient air (θJA). The θJA number is dependent
on the package assembly compounds that are used and the amount
of copper used to solder the package GND pin and exposed pad
to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com