Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7151ARDZ-02-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM7151ARDZ-02-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ARDZ-02-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM7151ARDZ-02-R7 Datasheet HTML 6Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 7Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 8Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 9Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 10Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 11Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 12Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 13Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADM7151
Data Sheet
Rev. B | Page 10 of 24
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
10
1
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
600mV
700mV
800mV
900mV
1.0V
1.1V
1.2V
1.3V
1.4V
Figure 23. Power Supply Rejection Ratio (PSRR) vs. Frequency for Various
Headroom Voltages, ADM7151-02, VOUT = 4 V, 400 mA Load
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
10
1
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
600mV
700mV
800mV
900mV
1.0V
1.1V
1.2V
1.4V
1.6V
1.8V
Figure 24. Power Supply Rejection Ratio (PSRR) vs. Frequency for Various
Headroom Voltages, ADM7151-04, VOUT = 5 V, 400 mA Load
HEADROOM (V)
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
–120
–100
–80
–60
–40
–20
0
100Hz
10kHz
1MHz
10Hz
1kHz
100kHz
10MHz
Figure 25. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
ADM7151-02, VOUT = 4 V, 100 mA Load
HEADROOM (V)
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
–120
–100
–80
–60
–40
–20
0
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 26. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
ADM7151-02, VOUT = 4 V, 400 mA Load
HEADROOM (V)
1.6
1.4
1.5
1.3
1.2
1.1
1.0
0.9
0.8
0.7
–120
–100
–80
–60
–40
–20
0
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 27. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
ADM7151-02, VOUT = 4 V, 800 mA Load
HEADROOM (V)
1.5
0.3
0.5
0.7
0.9
1.1
1.3
–140
–120
–100
–60
–20
–80
–40
0
10Hz
100Hz
1kHz
10kHz
100kHz
1MHz
10MHz
Figure 28. Power Supply Rejection Ratio (PSRR) vs. Headroom Voltage,
ADM7151-04, VOUT = 5 V, 100 mA Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com