Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7151ARDZ-02-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADM7151ARDZ-02-R7
Description  800 mA Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ARDZ-02-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADM7151ARDZ-02-R7 Datasheet HTML 11Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 12Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 13Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 14Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 15Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 16Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 17Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 18Page - Analog Devices ADM7151ARDZ-02-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADM7151
Rev. B | Page 15 of 24
THEORY OF OPERATION
The ADM7151 is an adjustable, ultralow noise, high power
supply rejection ratio (PSRR) linear regulator targeting radio
frequency (RF) applications. The input voltage range is 4.5 V to
16 V, and it can deliver up to 800 mA of output current. Typical
shutdown current consumption is 0.1 µA at room temperature.
Optimized for use with 10 µF ceramic capacitors, the ADM7151
provides excellent transient performance.
VREG
GND
VOUT
VIN
EN
REF
REF_SENSE
REFERENCE
SHUTDOWN
ACTIVE
RIPPLE
FILTER
SHORT CIRCUIT,
THERMAL
PROTECT
OTA
E/A
BYP
Figure 48. Adjustable Output Voltage Internal Block Diagram
Internally, the ADM7151 consists of a reference, an error amplifier,
a feedback voltage divider, and a P-channel MOSFET pass
transistor. Output current is delivered via the PMOS pass
device, which is controlled by the error amplifier. The error
amplifier compares the reference voltage with the feedback
voltage from the output and amplifies the difference. If the
feedback voltage is lower than the reference voltage, the gate
of the PMOS device is pulled lower, allowing more current to
pass and increasing the output voltage. If the feedback voltage
is higher than the reference voltage, the gate of the PMOS
device is pulled higher, allowing less current to pass and
decreasing the output voltage.
By heavily filtering the reference voltage, the ADM7151 is able
to achieve 1.7 nV/√Hz output typical from 10 kHz to 1 MHz.
Because the error amplifier is always in unity gain, the output
noise is independent of the output voltage.
To maintain very high PSRR over a wide frequency range, the
ADM7151 architecture uses an internal active ripple filter. This
stage isolates the low output noise LDO from noise on VIN.
The result is that the ADM7151 PSRR is significantly higher
over a wider frequency range than any single stage LDO.
The ADM7151 output voltage can be adjusted between 1.5 V
and 5.1 V and is available in two models that optimize the input
voltage and output voltage ranges to keep power dissipation as
low as possible without compromising PSRR performance. The
output voltage is determined by an external voltage divider
according to the following equation:
VOUT = 1.5 V × (1 + R1/R2)
VOUT
REF
REF_SENSE
GND
VIN
EN
BYP
VREG
VBYP
VREG
ADM7151-04
CREG
10µF
CBYP
1µF
CREF
1µF
VOUT = 1.5V × (R1 + R2)/R2
1kΩ < R2 < 200kΩ
CIN
10µF
COUT
10µF
OFF
ON
VIN = 6.2V
VOUT = 5.0V
R1
R2
Figure 49. Typical Adjustable Output Voltage Application Schematic
The R2 value must be greater than 1 kΩ to prevent excessive
loading of the reference voltage appearing on the REF pin. To
minimize errors in the output voltage caused by the REF_SENSE
pin input current, the R2 value must be less than 200 kΩ. For
example, when R1 and R2 each equal 200 kΩ, the output
voltage is 3.0 V. The output voltage error introduced by the
REF_SENSE pin input current is 10 mV or 0.33%, assuming a
maximum REF_SENSE pin input current of 100 nA at 125°C.
The ADM7151 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. When EN is high, VOUT
turns on, and when EN is low, VOUT turns off. For automatic
startup, EN can be tied to VIN.
VREG
VIN
REF_SENSE
REF
OUT
BYP
GND
EN
18V
6V
6V
6V
6V
6V
6V
6V
6V
18V
18V
Figure 50. Simplified ESD Protection Block Diagram
The ESD protection devices are shown in the block diagram as
Zener diodes (see Figure 50).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com