Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMS310 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLMS310
Description  Standard SMD LED PLCC-2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS310 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLMS310 Datasheet HTML 1Page - Vishay Siliconix TLMS310 Datasheet HTML 2Page - Vishay Siliconix TLMS310 Datasheet HTML 3Page - Vishay Siliconix TLMS310 Datasheet HTML 4Page - Vishay Siliconix TLMS310 Datasheet HTML 5Page - Vishay Siliconix TLMS310 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 83170
Rev. 1.5, 24-Sep-07
Vishay Semiconductors
TLMS310.
PACKAGE DIMENSIONS in millimeters
Figure 9. Relative Luminous Intensity vs. Forward Current
0.01
0.1
1
10
1
10
100
I
F - Forward Current (mA)
16638
super red
Figure 10. Relative Intensity vs. Wavelength
0.0
0.2
0.4
0.6
0.8
1.0
1.2
550
590
630
670
710
750
16639
- Wavelength (nm)
Super-red
95 11314-1
Mounting Pad Layout
3.5 ± 0.2
Pin identification
? 2.4
3
+ 0.15
1.2
1.6 (1.9)
4
area covered with
solder resist
technical drawings
according to DIN
specifications
Drawing-No.: 6.541-5025.01-4
Issue: 8; 22.11.05
CA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com