Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLMS310 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLMS310
Description  Standard SMD LED PLCC-2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS310 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMS310 Datasheet HTML 1Page - Vishay Siliconix TLMS310 Datasheet HTML 2Page - Vishay Siliconix TLMS310 Datasheet HTML 3Page - Vishay Siliconix TLMS310 Datasheet HTML 4Page - Vishay Siliconix TLMS310 Datasheet HTML 5Page - Vishay Siliconix TLMS310 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number 83170
Rev. 1.5, 24-Sep-07
www.vishay.com
3
Vishay Semiconductors
TLMS310.
Figure 3. Pulse Forward Current vs. Pulse Duration
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
Figure 5. Forward Current vs. Forward Voltage
0.01
0.1
1
10
1
10
100
1000
10000
t p - Pulse Length (ms)
100
95 9985
DC
t p /T = 0.005
0.5
0.2
0.1
0.01
0.05
0.02
T
amb < 6 0 °C
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.1
1
10
100
0
VF - Forward Voltage (V)
16634
super red
5
4
3
2
1
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
Figure 7. Change of Forward Voltage vs. Ambient Temperature
Figure 8. Change of Dominant Wavelength vs.
Ambient Temperature
0.0
0.4
0.8
1.2
1.6
2.0
0
204060
80
100
T
amb - Ambient Temperature (°C)
16635
super red
- 300
- 250
- 200
- 150
- 100
- 50
0
50
100
150
200
020
40
60
80
100
Tamb - Ambient Temperature (°C)
16636
- 3
- 2
- 1
0
1
2
3
4
5
0
204060
80
100
Tamb - Ambient Temperature (°C)
16637



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com