Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 5 Page - Analog Devices

  ADE7932 Datasheet HTML 1Page - Analog Devices ADE7932 Datasheet HTML 2Page - Analog Devices ADE7932 Datasheet HTML 3Page - Analog Devices ADE7932 Datasheet HTML 4Page - Analog Devices ADE7932 Datasheet HTML 5Page - Analog Devices ADE7932 Datasheet HTML 6Page - Analog Devices ADE7932 Datasheet HTML 7Page - Analog Devices ADE7932 Datasheet HTML 8Page - Analog Devices ADE7932 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 5 of 125
GENERAL DESCRIPTION
The ADE7978, the ADE7933/ADE7932, and ADE7923 form a
chipset dedicated to measuring 3-phase electrical energy using
shunts as current sensors.
The ADE7933/ADE7932 are isolated, 3-channel sigma-delta
analog-to-digital converters (Σ-Δ ADCs) for polyphase energy
metering applications that use shunt current sensors. The
ADE7923 is a nonisolated, 3-channel Σ-Δ ADC for the neutral line
that uses a shunt current sensor. The ADE7932 features two ADCs,
and the ADE7933 and ADE7923 feature three ADCs.
One channel is dedicated to measuring the voltage across the
shunt when a shunt is used for current sensing. This channel
provides a signal-to-noise ratio (SNR) of 67 dB over a 3.3 kHz
signal bandwidth. Up to two additional channels are dedicated
to measuring voltages, which are usually sensed using resistor
dividers.
The unused voltage channels on the neutral ADE7923 can be
used for auxiliary voltage measurements. These channels provide
an SNR of 75 dB over a 3.3 kHz signal bandwidth. One voltage
channel can be used to measure the temperature of the die via
an internal sensor.
The ADE7933 and ADE7923 include three channels: one
current channel and two voltage channels. The ADE7932
includes one current channel and one voltage channel, but is
otherwise identical to the ADE7933.
The ADE7933/ADE7932 include isoPower®, an integrated,
isolated dc-to-dc converter. Based on the Analog Devices, Inc.,
iCoupler® technology, the dc-to-dc converter provides the
regulated power required by the first stage of the ADCs at a
3.3 V input supply. The ADE7933/ADE7932 eliminate the need
for an external dc-to-dc isolation block. The iCoupler chip scale
transformer technology is used to isolate the logic signals
between the first and second stages of the ADC. The result is a
small form factor, total isolation solution. The ADE7923 is the
nonisolated version of the ADE7933 that can be used for
neutral current measurement when isolation from the neutral
line is not required.
The ADE7933/ADE7932 and ADE7923 contain a digital interface
that is specially designed to interface with the ADE7978. Using
this interface, the ADE7978 accesses the ADC outputs and
configuration settings of the ADE7933/ADE7932 and
ADE7923.
The ADE7933/ADE7932 are available in a 20-lead, Pb-free, wide-
body SOIC package with increased creepage. The ADE7923 is
available in a similar 20-lead, Pb-free, wide-body SOIC package
without the increased creepage.
The ADE7978 is a high accuracy, 3-phase electrical energy
measurement IC with serial interfaces and three flexible pulse
outputs. The ADE7978 can interface with up to four ADE7933/
ADE7932 and ADE7923 devices. The ADE7978 incorporates all
the signal processing required to perform total (fundamental and
harmonic) active, reactive, and apparent energy measurement
and rms calculations, as well as fundamental-only active and
reactive energy measurement and rms calculations. A fixed
function digital signal processor (DSP) executes this signal
processing.
The ADE7978 measures the active, reactive, and apparent energy
in various 3-phase configurations, such as wye or delta services,
with both three and four wires. The ADE7978 provides system
calibration features for each phase, gain calibration, and optional
offset correction. Phase compensation is also available, but it is
not necessary because the currents are sensed using shunts. The
CF1, CF2, and CF3 logic outputs provide a wide selection of
power information: total active, reactive, and apparent powers;
the sum of the current rms values; and fundamental active and
reactive powers.
The ADE7978 incorporates power quality measurements, such
as short duration low or high voltage detection, short duration
high current variations, line voltage period measurement, and
angles between phase voltages and currents. Two serial interfaces,
SPI and I2C, can be used to communicate with the ADE7978.
A dedicated high speed interface—the high speed data capture
(HSDC) port—can be used in conjunction with I2C to provide
access to the ADC outputs and real-time power information.
The ADE7978 also has two interrupt request pins, IRQ0 and
IRQ1, to indicate that an enabled interrupt event has occurred.
The ADE7978 is available in a 28-lead, Pb-free LFCSP package.
Note that throughout this data sheet, multifunction pins, such
as SCLK/SCL, are referred to by the entire pin name or by a
single function of the pin, for example, SCLK, when only that
function is relevant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com