Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 93 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 93 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 89Page - Analog Devices ADE7932 Datasheet HTML 90Page - Analog Devices ADE7932 Datasheet HTML 91Page - Analog Devices ADE7932 Datasheet HTML 92Page - Analog Devices ADE7932 Datasheet HTML 93Page - Analog Devices ADE7932 Datasheet HTML 94Page - Analog Devices ADE7932 Datasheet HTML 95Page - Analog Devices ADE7932 Datasheet HTML 96Page - Analog Devices ADE7932 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 93 of 125
Bipolar ac voltage is the most stringent environment. The goal
of a 50-year operating lifetime under the bipolar ac condition
determines the maximum working voltage recommended by
Analog Devices. In the case of dc voltage, the stress on the
insulation is significantly lower. This allows operation at higher
working voltages while still achieving a 50-year service life. The
working voltages listed in Table 13 can be applied while
maintaining the 50-year minimum lifetime, provided that the
voltage conforms to dc voltage cases. Treat any cross-insulation
voltage waveform that does not conform to Figure 119 as a
bipolar ac waveform, and limit its peak voltage to the 50-year
lifetime voltage value listed in Table 13.
LAYOUT GUIDELINES
Figure 42 shows the test circuit of the ADE7978/ADE7933/
ADE7932 and ADE7923 chipset. The test circuit contains three
ADE7933 devices, one ADE7923, and one ADE7978, together
with the circuitry required to sense the phase currents and
voltages in a 3-phase system. The chipset is managed by a
microcontroller (MCU) using the SPI interface. (The MCU is
not shown in the schematic.) Figure 42 replicates the schematic
of the ADE7978/ADE7933 evaluation board (see Figure 120).
A 4-layer PCB is required when using the ADE7978/ADE7933/
ADE7932/ADE7923 chipset. It creates a low noise design with
high immunity to EMC influences. The devices pass Class B
CISPR22/EN-55022 standard specification with a sufficient
margin only with a 4-layer PCB. Figure 120 through Figure 123
show a recommended layout for a printed circuit board (PCB)
with four layers; in this layout, the components are placed only
on the top side of the board. Note that Figure 120 through
Figure 123 show layout images that were cropped from images
of a board containing other circuitry besides the ADE7978,
ADE7933, and ADE7923 devices.
The layout of a meter using the ADE7932 is very similar to
the one designed for the ADE7933. The only difference is the
absence of the Voltage Channel V2 and its related circuitry: the
resistor divider and the protection diodes.
If full isolation is required even from the neutral line, then an
ADE7933/ADE7923 can be used in place of an ADE7923. The
footprint of both devices is the same and the layout is very
similar to the layout pictured in Figure 120 through Figure 123.
Replicate the layout around a ADE7933 from Phase A, B, or C
and replace the layout around the ADE7923 on the neutral line.
This means replicating all four layers of the PCB around phase
A, B, or C for the neutral line. For detailed information on the
layout guidelines to follow, use the AN-1333 Application Note,
Architecting a Direct, 3-Phase Energy Meter with Shunts Using
ADE7932/ADE7933/ADE7978.
The primary supply voltage is supplied at VDD (Pin 19) of the
ADE7933 and ADE7923. Two decoupling capacitors are placed
between VDD and GND (Pin 20): a 10 µF capacitor and a
100 nF ceramic capacitor. The ceramic capacitor must be placed
closest to the ADE7933/ADE7932 and ADE7923 because it
decouples the high frequency noise; the 10 µF capacitor must be
placed in close proximity to the ADE7933/ADE7932. The
ADE7923 VDD pins (Pin 1 and 19) must be connected externally
with two 100 nF ceramic capacitors, each closest to both pins
and one 10 µF capacitor in close proximity to the 100 nF
capacitors. The VDD pins must be externally connected to each
other in the shortest path possible.
The ADE7933 VDDISO pin (Pin 1) is decoupled from GNDISO
(Pin 2) using two capacitors: a 10 µF capacitor and a 100 nF
ceramic capacitor. Place the ceramic capacitor closest to the
ADE7933/ADE7932; place the 10 µF capacitor in close
proximity to the ADE7933/ADE7932.
The ADE7933 LDO and REF pins (Pin 8 and Pin 9) are each
decoupled from GNDISO (Pin 10) using two capacitors: a 4.7 µF
capacitor and a 100 nF ceramic capacitor. In the same way, the
ADE7923 LDO and REF pins (Pin 8 and Pin 9) are each
decoupled from GND (Pin 10) using the same two capacitors.
Place the ceramic capacitor closest to the ADE7933/ADE7932
and ADE7923; place the 4.7 µF capacitor in close proximity to
the ADE7933/ADE7932 and ADE7923.
Note that the ADE7933/ADE7932 isolated ground point is one
of the shunt poles. This point is directly connected to Pin 10
(GNDISO). It is not necessary to connect the shunt ground pole
to Pin 2; the two GNDISO pins (Pin 2 and Pin 10) are internally
connected to each other. The ADE7923 ground point is one of
the shunt poles; this ground is the ground of the MCU because
the ADE7923 is not isolated. Pin 2 and Pin 10 are connected
internally, and Pin 11 and Pin 20 are connected internally. These
two pairs must be connected externally to the same GND on
the board. If isolation is required on the neutral line, an
ADE7933/ADE7923 can be used with the layout copied from a
separate phase to the neutral line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com