Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7923 Datasheet(PDF) 87 Page - Analog Devices

Part # ADE7923
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7923 Datasheet(HTML) 87 Page - Analog Devices

Back Button ADE7923 Datasheet HTML 83Page - Analog Devices ADE7923 Datasheet HTML 84Page - Analog Devices ADE7923 Datasheet HTML 85Page - Analog Devices ADE7923 Datasheet HTML 86Page - Analog Devices ADE7923 Datasheet HTML 87Page - Analog Devices ADE7923 Datasheet HTML 88Page - Analog Devices ADE7923 Datasheet HTML 89Page - Analog Devices ADE7923 Datasheet HTML 90Page - Analog Devices ADE7923 Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 87 of 125
APPLICATIONS INFORMATION
The ADE7978, ADE7933/ADE7932 and ADE7923 chipset was
designed for use in 3-phase energy metering systems in which
one master device, usually a microcontroller, manages the
ADE7978 through an I2C or SPI interface. The ADE7978 then
manages two, three, or four ADE7933/ADE7932 and ADE7923
devices. The ADE7978, ADE7933/ADE7932 and ADE7923
chipset can be used in in 3-phase 4-wire and 3-phase 3-wire
networks in a direct connection architecture. They cannot be
used in 3-phase networks that require an indirect connection
through current or voltage transformers as these require
physical separation of the current and voltage sensing circuits.
The ADE7978 is not the only chip capable of managing
multiple ADE7933/ADE7932 devices. Any microcontroller
that conforms to the ADE7933/ADE7932 and ADE7923 serial
interface can manage the devices correctly. (For more information,
see the Bit Stream Communication Between the ADE7978 and
the ADE7933/ADE7932 and ADE7923 section). However,
similar devices, such as the ADE7913/ADE7912 3-channel,
isolated, Σ-Δ ADCs with an SPI interface and ADE7903 3-
channel Σ-Δ ADCs with an SPI interface, may be more suitable
for direct interfacing with a microcontroller. For more
information about the ADE7913/ADE7912 and ADE7903
ADCs, see the product pages for these devices.
Figure 109 shows Phase A of a 3-phase energy meter. The Phase A
current, IA, is sensed with a shunt. A pole of the shunt is connected
to the IM pin of the ADE7933/ADE7932 and becomes the ground
of the isolated side of the ADE7933/ADE7932, GNDISO. The
Phase A to neutral voltage, VAN, is sensed with a resistor divider,
and the VM pin is also connected to the IM and GNDISO pins.
Note that the voltages measured by the ADCs of the ADE7933/
ADE7932 are opposite to VAN and IA, a classic approach in single-
phase metering. The other ADE7933/ADE7932 devices, which
monitor Phase B and Phase C, are connected in a similar way.
NEUTRAL
PHASE A
PHASE A
ADE7932/
ADE7933
IP
IM
GNDISO
V1P
VM
IA
VAN
Figure 109. Phase A ADE7933/ADE7932 Current and Voltage Sensing
Figure 110 shows how to connect the ADE7923 inputs when the
neutral line of a 3-phase system is monitored. The neutral
current is sensed using a shunt, and the voltage across the shunt
is measured at the fully differential inputs IP and IM.
The neutral to earth voltage or any voltage referenced to ground
can be sensed with a voltage divider at the single-ended inputs,
V1P and VM.
NEUTRAL
NEUTRAL LINE
ADE7923
IP
IM
V1P
VM
GNDISO
IN
Figure 110. Neutral Line and Auxiliary Voltage Monitoring
with the ADE7923
DIFFERENCES BETWEEN THE ADE7923 AND THE
ADE7933/ADE7932
The ADE7923 is a nonisolated Σ-Δ ADC similar to the
ADE7933. The performance of both the ADE7923 and
ADE7933/ADE7932 is identical, with the only differences
caused by the absence of an isolation barrier. The dynamic
range and accuracy of the ADE7923 is equal to that of the
ADE7933/ADE7932. The ADE7923 has two voltage channel
inputs, V1P and V2P, and one current channel input, IP. This
nonisolated ADC is useful when neutral current monitoring
is needed but there is no requirement for isolation from the
neutral line. It is important to note that the system is grounded
on the neutral line with this configuration.
The current channel is used for measuring neutral current
whereas the two voltage channels can be used for auxiliary
voltage measurements such as measuring a battery or any other
voltage measurement that is referenced to ground.
The ADE7923 is pin-to-pin-compatible with the ADE7933/
ADE7932 isolated ADCs and has the same footprint; therefore,
the ADE7923 and ADE7933/ADE7932 are direct swap-compatible.
ADE7978, ADE7933/ADE7932 AND ADE7923 IN
POLYPHASE ENERGY METERS
A polyphase energy meter must manage three phases and an
optional neutral line. Figure 111 shows an example of a 3-phase
meter built for a 4-wire wye configuration. Three ADE7933/
ADE7932 devices read the phase currents and voltages. An
ADE7923 manages the neutral line measurements. However, if
isolation is required, an ADE7933/ADE7932 can be used for the
neutral line to isolate it similarly to the other phases. If the
neutral line measurements are not required, only three
ADE7933/ADE7932 devices are used (see Figure 112); in this
configuration, the DATA_N pin of the ADE7978 is connected
to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com