Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7923 Datasheet(PDF) 11 Page - Analog Devices

Part # ADE7923
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7923 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADE7923 Datasheet HTML 7Page - Analog Devices ADE7923 Datasheet HTML 8Page - Analog Devices ADE7923 Datasheet HTML 9Page - Analog Devices ADE7923 Datasheet HTML 10Page - Analog Devices ADE7923 Datasheet HTML 11Page - Analog Devices ADE7923 Datasheet HTML 12Page - Analog Devices ADE7923 Datasheet HTML 13Page - Analog Devices ADE7923 Datasheet HTML 14Page - Analog Devices ADE7923 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932/ADE7923
Rev. D | Page 11 of 125
I2C Interface Timing Parameters
VDD = 3.3 V ± 10%, GND = DGND = 0 V, XTALIN = 16.384 MHz, TMIN to TMAX = −40°C to +85°C.
Table 3.
Standard Mode
Fast Mode
Parameter
Symbol
Min
Max
Min
Max
Unit
SCL Clock Frequency
f
SCL
0
100
0
400
kHz
Hold Time for Start and Repeated Start Conditions
t
HD;STA
4.0
0.6
µs
Low Period of SCL Clock
t
LOW
4.7
1.3
µs
High Period of SCL Clock
t
HIGH
4.0
0.6
µs
Setup Time for Repeated Start Condition
t
SU;STA
4.7
0.6
µs
Data Hold Time
t
HD;DAT
0
3.45
0
0.9
µs
Data Setup Time
t
SU;DAT
250
100
ns
Rise Time of SDA and SCL Signals
t
R
1000
20
300
ns
Fall Time of SDA and SCL Signals
t
F
300
20
300
ns
Setup Time for Stop Condition
t
SU;STO
4.0
0.6
µs
Bus Free Time Between a Stop and Start Condition
t
BUF
4.7
1.3
µs
Pulse Width of Suppressed Spikes
t
SP
N/A1
50
ns
1 N/A means not applicable.
tF
tR
tHD;DAT
tHD;STA
tHIGH
tSU;STA
tSU;DAT
tF
tHD;STA
tSP
tSU;STO
tr
tBUF
tLOW
SDA
SCL
START
CONDITION
REPEATED START
CONDITION
STOP
CONDITION
START
CONDITION
Figure 6. I2C Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com