Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5035 Datasheet(PDF) 1 Page - ams AG

Part # AS5035
Description  8-bit (64 PPR) INCREMENTAL MAGNETIC ROTARY ENCODER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5035 Datasheet(HTML) 1 Page - ams AG

  AS5035 Datasheet HTML 1Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Revision 1.0, 24-Oct-05
www.austriamicrosystems.com
Page 1 of 1
General Description
The AS5035 is a contactless magnetic incremental encoder
with 64 quadrature pulses per revolution (8-bit resolution)
and index output.
Only a simple two-pole magnet, rotating over the center of
the chip is required. The magnet may be placed above or
below the IC.
The angular position of the magnet during assembly is not
critical as the AS5035 allows for a user programmable
zero-position to an accuracy of 0.35°
Two diagnostic outputs are provided to indicate an out-of-
range condition of the magnetic field as well as movement
of the magnet in Z-axis. In addition, a specific combination
of output states indicate a loss of power supply.
The AS5035 is available in a small 16pin SSOP package. It
can be operated at either 3.3V or 5V supplies.
Typical arrangement of AS5035 and magnet
Benefits
-
Complete system-on-chip, including analog front end
and digital signal processing
-
2-channel quadrature and index outputs provide an
alternative to optical encoders
-
User programmable Zero positioning by OTP allows
easy assembly of magnet
-
Diagnostic features for operation safety
-
Ideal for applications in harsh environments due to
magnetic sensing principle
-
Robust system, tolerant to magnet misalignment, air
gap variations, temperature variations and external
magnetic stray fields
Key Features
-
Full turn (360°) contactless angular position encoder
-
2 quadrature A/B outputs with 64 pulses per revolution
(ppr), 256 edges per revolution, 1.4° per step
-
Accurate user programmable zero position
-
Index output (one pulse per revolution)
-
Failure detection mode for magnet placement
monitoring and loss of power supply
-
Wide temperature range: - 40°C to + 125°C
-
Small lead-free package: SSOP 16 (5.3mm x 6.2mm)
Applications
-
Industrial applications:
- Robotics
- Replacement of optical encoders
- Flow meters
- Man-machine interface
-
Automotive applications:
- Power seat position sensing
- Power mirror position sensing
Pin Configuration
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
MagINCn
MagDECn
A
B
NC
Index
VSS
PROG
OTP_DO
OTP_CLK
CSn
NC
NC
NC
VDD3V3
VDD5V
AS5035 Pin configuration SSOP16
AS5035
Sin
Cos
Ang
Mag
MagINCn
MagDECn
Channel A
Channel B
Index
VDD5V
VDDV3V
OTP_CLK
OTP_DO
PROG
CSn
LDO 3.3V
Hall Array
&
Frontend
Amplifier
OTP
Zero
Position
DSP
Incremental
Decoder
AS5035 Block diagram
AS5035
8-bit (64 PPR) INCREMENTAL MAGNETIC ROTARY ENCODER
FACT SHEET


Similar Part No. - AS5035

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5035 AMSCO-AS5035 Datasheet
432Kb / 17P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035 Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035 Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035-T AMSCO-AS5035-T Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035TR AMSCO-AS5035TR Datasheet
432Kb / 17P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
More results

Similar Description - AS5035

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5035 AMSCO-AS5035_1 Datasheet
432Kb / 17P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035 AMSCO-AS5035_08 Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
AS5035-T AMSCO-AS5035-T Datasheet
870Kb / 18P
PROGRAMMABLE 64 PPR INCREMENTAL MAGNETIC ROTARY ENCODER
logo
Pepperl+Fuchs Inc.
20-2952 PF-20-2952 Datasheet
179Kb / 3P
Incremental rotary encoder
ENI58IL-H PF-ENI58IL-H Datasheet
1Mb / 7P
Incremental rotary encoder
THI40P-1CAK2R6TN-01024 PF-THI40P-1CAK2R6TN-01024 Datasheet
230Kb / 3P
Incremental rotary encoder
TVI58N-01NKYR6TN-01000 PF-TVI58N-01NKYR6TN-01000 Datasheet
275Kb / 4P
Incremental rotary encoder
MNI20N PF-MNI20N Datasheet
680Kb / 5P
Incremental rotary encoder
MNI40N PF-MNI40N Datasheet
748Kb / 5P
Incremental rotary encoder
TSI40N PF-TSI40N Datasheet
278Kb / 3P
Incremental rotary encoder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com