Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CASB-MT-D3-R7 Datasheet(PDF) 1 Page - Festo Corporation.

Part # CASB-MT-D3-R7
Description  Signal convertor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

CASB-MT-D3-R7 Datasheet(HTML) 1 Page - Festo Corporation.

  CASB-MT-D3-R7 Datasheet HTML 1Page - Festo Corporation. CASB-MT-D3-R7 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Signal convertor
CASB-MT-D3-R7
Part number: 8071781
Data sheet
Feature
Value
Application note
The product is suitable for industrial purposes only. Radio interference
suppression measures may be required in residential areas.
Diagnostic function
Indication via LED
Mounting position
Any
Reverse polarity protection
yes
Output frequency
TTL signal: max. 7200 Hz
HTL signal: max. 450 Hz
DC operating voltage range
20.4 V ... 30 V
Duty cycle
100%
Max. electrical power consumption
6 W
Nominal operating voltage DC
24 V
Residual ripple
5 %
Current consumption with load-free outputs
50 mA
Current rating per output
50 mA
Certification
RCM compliance mark
KC characters
KC EMC
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK RoHS instructions
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
1 - Low corrosion stress
LABS conformity
VDMA24364-B2-L
Protection against direct and indirect contact
PELV
Degree of protection
IP65
Note on degree of protection
In mounted state
Ambient temperature
-5 °C ... 50 °C
Product weight
350 g
Signal range
HTL signal: high: min. 18 V; low: max. 2 V
TTL signal: high: min. 2.4 V, low: max. 0.4 V
Electrical connection output, function
TTL
Electrical connection output, connection type
Plug
Electrical connection output, connection technology
M12x1 A-coded as per EN 61076-2-101
Electrical output connection, number of pins/wires
8
Electrical connection output 2, function
HTL
4/20/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - CASB-MT-D3-R7

ManufacturerPart #DatasheetDescription
logo
LEM
CAS LEM-CAS Datasheet
1Mb / 16P
Current Transducer
logo
Copal Electronics
CAS COPAL-CAS Datasheet
961Kb / 6P
SLIDE SWITCHES
logo
Lumberg
CAS LUMBERG-CAS Datasheet
371Kb / 3P
Tools and harnessing machines
logo
Festo Corporation.
CAS-1/2 FESTO-CAS-1/2 Datasheet
76Kb / 1P
Sub-base
CAS-1/4 FESTO-CAS-1/4 Datasheet
76Kb / 1P
Sub-base
More results

Similar Description - CASB-MT-D3-R7

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2218 NJRC-NJM2218 Datasheet
203Kb / 5P
NTSC-M/PAL CONVERTOR
logo
International Rectifier
IR2161 IRF-IR2161 Datasheet
214Kb / 19P
HALOGEN CONVERTOR CONTROL IC
IR2161STRPBF IRF-IR2161STRPBF Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
IR2161PBF IRF-IR2161PBF Datasheet
470Kb / 20P
HALOGEN CONVERTOR CONTROL IC
IR2161SPBF IRF-IR2161SPBF Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
logo
Lowpower Semiconductor ...
LPA2162 POWER-LPA2162 Datasheet
1Mb / 11P
Integrated PWM/PFM boost convertor
logo
International Rectifier
IR2161 IRF-IR2161_15 Datasheet
466Kb / 20P
HALOGEN CONVERTOR CONTROL IC
logo
Festo Corporation.
549292 FESTO-549292 Datasheet
77Kb / 1P
Signal convertor
4/20/22
558387 FESTO-558387 Datasheet
76Kb / 1P
Signal convertor
4/20/22
logo
TECH PUBLIC Electronics...
TPRT9266GE TECHPUBLIC-TPRT9266GE Datasheet
1Mb / 4P
Step-up DC/DE convertor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com