Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604BC Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MPC5604BC
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604BC Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MPC5604BC Datasheet HTML 64Page - NXP Semiconductors MPC5604BC Datasheet HTML 65Page - NXP Semiconductors MPC5604BC Datasheet HTML 66Page - NXP Semiconductors MPC5604BC Datasheet HTML 67Page - NXP Semiconductors MPC5604BC Datasheet HTML 68Page - NXP Semiconductors MPC5604BC Datasheet HTML 69Page - NXP Semiconductors MPC5604BC Datasheet HTML 70Page - NXP Semiconductors MPC5604BC Datasheet HTML 71Page - NXP Semiconductors MPC5604BC Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 109 page
background image
MPC5604B/C Microcontroller Data Sheet, Rev. 15
Package pinouts and signal descriptions
NXP Semiconductors
68
Figure 18. Slow external crystal oscillator (32 kHz) timing diagram
2.23
FMPLL electrical characteristics
The device provides a frequency-modulated phase-locked loop (FMPLL) module to generate a fast system
clock from the main oscillator driver.
2 This is the recommended range of load capacitance at OSC32K_XTAL and OSC32K_EXTAL with respect to
ground. It includes all the parasitics due to board traces, crystal and package.
3 Maximum ESR (R
m) of the crystal is 50 kΩ
4 C0 includes a parasitic capacitance of 2.0 pF between OSC32K_XTAL and OSC32K_EXTAL pins
Table 39. Slow external crystal oscillator (32 kHz) electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified. Values are specified for no
neighbor GPIO pin activity. If oscillator is enabled (OSC32K_XTAL and OSC32K_EXTAL pins), neighboring pins
should not toggle.
Value
Unit
Min
Typ
Max
fSXOSC
SR — Slow external crystal oscillator frequency
—
32
32.768
40
kHz
VSXOSC
CC T Oscillation amplitude
—
—
2.1
—
V
ISXOSCBIAS CC T Oscillation bias current
—
—
2.5
—
µA
ISXOSC
CC T Slow external crystal oscillator consumption
—
—
—
8
µA
TSXOSCSU CC T Slow external crystal oscillator start-up time
—
—
—
22
2 Start-up time has been measured with EPSON TOYOCOM MC306 crystal. Variation may be seen with other crystal.
s
OSCON bit (OSC_CTL register)
TSXOSCSU
1
VOSC32K_XTAL
VSXOSC
valid internal clock
90%
10%
1/fSXOSC
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com