Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5604BC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC5604BC
Description  Single issue, 32-bit CPU core complex (e200z0)
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5604BC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC5604BC Datasheet HTML 9Page - NXP Semiconductors MPC5604BC Datasheet HTML 10Page - NXP Semiconductors MPC5604BC Datasheet HTML 11Page - NXP Semiconductors MPC5604BC Datasheet HTML 12Page - NXP Semiconductors MPC5604BC Datasheet HTML 13Page - NXP Semiconductors MPC5604BC Datasheet HTML 14Page - NXP Semiconductors MPC5604BC Datasheet HTML 15Page - NXP Semiconductors MPC5604BC Datasheet HTML 16Page - NXP Semiconductors MPC5604BC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 109 page
background image
Package pinouts and signal descriptions
MPC5604B/C Microcontroller Data Sheet, Rev. 15
NXP Semiconductors
13
I = Input only with analog feature1
J = Input/Output (‘S’ pad) with analog feature
X = Oscillator
2.5
System pins
The system pins are listed in Table 4.
2.6
Functional ports
The functional port pins are listed in Table 5.
Table 4. System pin descriptions
Function
Pin number
1 Pin numbers apply to both the MPC560xB and MPC560xC packages.
2 208 MAPBGA available only as development package for Nexus2+
RESET Bidirectional reset with Schmitt-Trigger characteristics
and noise filter.
I/O
M
Input, weak
pull-up only
after PHASE2
917
21
J1
EXTAL Analog output of the oscillator amplifier circuit, when the
oscillator is not in bypass mode.
Analog input for the clock generator when the oscillator is
in bypass mode.3
3 See the relevant section of the datasheet
I/O
X
Tristate
27
36
50
N8
XTAL
Analog input of the oscillator amplifier circuit. Needs to be
grounded if oscillator is used in bypass mode.3
I
X
Tristate
25
34
48
P8
Table 5. Functional port pin descriptions
Pin number
PA[0]
PCR[0]
AF0
AF1
AF2
AF3
—
GPIO[0]
E0UC[0]
CLKOUT
—
WKPU[19]4
SIUL
eMIOS_0
CGL
—
WKPU
I/O
I/O
O
—
I
M
Tristate
5
5
12
16
G4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com