Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX753C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX753C/D
Description  CCFL Backlight and LCD Contrast Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX753C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX753C/D Datasheet HTML 4Page - Maxim Integrated Products MAX753C/D Datasheet HTML 5Page - Maxim Integrated Products MAX753C/D Datasheet HTML 6Page - Maxim Integrated Products MAX753C/D Datasheet HTML 7Page - Maxim Integrated Products MAX753C/D Datasheet HTML 8Page - Maxim Integrated Products MAX753C/D Datasheet HTML 9Page - Maxim Integrated Products MAX753C/D Datasheet HTML 10Page - Maxim Integrated Products MAX753C/D Datasheet HTML 11Page - Maxim Integrated Products MAX753C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
CCFL Backlight and
LCD Contrast Controllers
8
_______________________________________________________________________________________
MAX754
6-BIT DAC
PULSE-SKIP
COMPARATOR
FULL-SCALE OUTPUT = 1.250V
HALF-SCALE OUTPUT = 0.938V
ZERO-SCALE OUTPUT = 0.635V
16
13
R4
PRESET
6-BIT COUNTER
CLK
Q3
VDAC
LFB
LDRV
14
LX
15
BATT
+5V INPUT
1
VDD
3
LON
6
GND
12
PGND
2
LADJ
C1
0.22
µF
L2
33
µH
BATTERY
INPUT
D3
1N5819
POSITIVE
LCD-BIAS
OUTPUT
ON/OFF
CONTROL
ON-TIME
LOGIC
OFF-TIME
LOGIC
R3
C2
10
µF
C6
10
µF
35V
Figure 6. MAX754 Positive LCD-Bias Generator
Table 1. CCFL Circuit Component Descriptions
ITEM
DESCRIPTION
C5
Integrating Capacitor. 1 / (C5 x R18) sets the dominant pole for the feedback loop, which regulates the lamp
current. Set the dominant pole at least two decades below the Royer frequency to eliminate the AC compo-
nent of the voltage on R8. For example, if your Royer is oscillating at 50kHz = 314159rad/s, you should set
1 / (C5 x R18)
≤ 3142rad/s.
R18
Integrating Resistor. The output source-current capability of the CC pin (50µA) limits how small R18 can be.
Do not make R18 smaller than 70k
Ω, otherwise CC will not be able to servo CFB to the DAC voltage (i.e., the
integrator will not be able to integrate) and the loop will not be able to regulate.
R8
R8 converts the half-wave rectified lamp current into a voltage. The average voltage on R8 is
not equal to the
root mean square voltage on R8. The accuracy of R8 is important since it, along with the MAX754 reference,
sets the full-scale lamp current. Use a ±1%-accurate resistor.
D7A, D7B
D7A and D7B half-wave rectify the CCFL lamp current. Half-wave rectification of the lamp current and then
averaging is a simple way to perform AC-to-DC conversion. D7A and D7B’s forward voltage drop and speed
are unimportant; they do not need to pass currents larger than about 10mA, and their reverse breakdown
voltage can be as low as 10V.
CCFL
The circuit of Figure 1, with the components shown in the bill of materials (Table 4), will drive a 500VRMS oper-
ating cold-cathode fluorescent lamp at 6W of power with a +12V input voltage. The lower the input voltage,
the less power the circuit can deliver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com