Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX753C/D Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX753C/D
Description  CCFL Backlight and LCD Contrast Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX753C/D Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX753C/D Datasheet HTML 8Page - Maxim Integrated Products MAX753C/D Datasheet HTML 9Page - Maxim Integrated Products MAX753C/D Datasheet HTML 10Page - Maxim Integrated Products MAX753C/D Datasheet HTML 11Page - Maxim Integrated Products MAX753C/D Datasheet HTML 12Page - Maxim Integrated Products MAX753C/D Datasheet HTML 13Page - Maxim Integrated Products MAX753C/D Datasheet HTML 14Page - Maxim Integrated Products MAX753C/D Datasheet HTML 15Page - Maxim Integrated Products MAX753C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products.
CCFL Backlight and
LCD Contrast Controllers
MAX753/MAX754
LOGIC
CON
CADJ
45
PGND
GND
12
6
5-BIT
D/A CONVERTER
6-BIT
D/A CONVERTER
ERROR
AMPLIFIER
PULSE-SKIP
COMPARATOR
10
9
8
CFB
16
LFB
13
LDRV
LADJ
LON
BATT
LX
14
15
3
2
CC
CS
REF
5-BIT
COUNTER
PRESET
CLK
CONTROL
CONTROL
6-BIT
COUNTER
PRESET
CLK
ON-TIME
LOGIC
OFF-TIME
LOGIC
1
VDD
7
REF
11
CDRV
_____________________Block Diagram
CDRV
PGND
LDRV
CADJ
GND
CON
LON
LADJ
VDD
LFB
BATT
LX
CC
CS
REF
CFB
0.112"
(2.845mm)
0.076"
(1.930mm)
___________________Chip Topography
TRANSISTOR COUNT: 321;
SUBSTRATE CONNECTED TO VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com