Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4550 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC4550
Description  Single chip 802.11b/g WLAN radio
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4550 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC4550 Datasheet HTML 1Page - STMicroelectronics STLC4550 Datasheet HTML 2Page - STMicroelectronics STLC4550 Datasheet HTML 3Page - STMicroelectronics STLC4550 Datasheet HTML 4Page - STMicroelectronics STLC4550 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA BRIEF
For further information contact your local STMicroelectronics sales office.
February 2006
DocRev1
1/5
5
STLC4550
Single chip 802.11b/g WLAN radio
Features
■ Extremely small footprint
■ Ultra Low Power consumption
■ Fully compliant with the IEEE 802.11b and
802.11g WLAN standards
■ Support for 54, 48, 36, 24, 18, 12, 9, and
6Mbps OFDM, 11 and 5.5Mbps CCK and
legacy 2 and 1Mbps data rates
■ Single Chip 802.11b/g WLAN solution with
■ Fully integrated:
– Zero IF (ZIF) transceiver,
– Voltage Controlled Oscillator (VCO),
– High-Speed A/ D and D/A Converters,
– Radio Power Management Unit (PMU),
– OFDM and CCK baseband processor,
– ARM9 Media Access Controller (MAC),
– SPI serial host interface
– SDIO (4-bit) serial host interface
– Passive components integration
– PA bias control
– Flexible integrated Power Management
Unit
– Glueless FEM interface
■ Intelligent Power Control, Including 802.11
Power Save Mode
■ Fully integrated Bluetooth coexistence
Applications
■ Cellular Phones
■ Personal Digital Assistants (PDA)
■ Portable Computers
■ Hand-held Data Transfer Devices
■ Cameras
■ Computer Peripherals
■ Cable Replacement
Description
The STLC4550 is a single chip 802.11b/g WLAN
radio for embedded, low-power and very small
form factor mobile applications. The product
conforms to the IEEE 802.11b and 802.11g
protocols operating in the 2.45GHz ISM
frequency band supporting OFDM data rates of
54, 48, 36, 24, 18, 12, 9, and 6Mbps as well as
CCK data rates of 11 and 5.5Mbps and legacy
data rates of 2 and 1Mbps.
The STLC4550 is a fully integrated wireless radio
including a ZIF transceiver, RDocRev1F
Synthesizer/VCO, high-speed data converters, an
OFDM/CCK digital baseband processor, an
ARM9-based MAC and a complete Power
Management Unit with integrated PA bias control.
In addition some passive components are
integrated further reducing the overall reference
design cost and size. An external FEM completes
a highly integrated chip set solution.
Host control is provided by a flexible SPI or SDIO
serial interface. The SPI interface supports a
maximum clock rate of 48MHz whereas the SDIO
supports a maximum clock rate of xxMHz. For
maximum flexibility, the STLC4550 accepts
system reference clock frequencies of 19.2, 26,
38.4 and 40MHz. A reference design evaluation
platform of hardware and software is provided to
system integrators to rapidly enable wireless
connectivity to mobile platforms.
Order codes
LFBGA240 (8.5x8x1.4mm)
Part number
Temp range,
°CPackage
Packing
STLC4550
-30 to 85°C
LFBGA240- (8.5x8x1.4mm)
Tray
www.st.com


Similar Part No. - STLC4550

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC4560 STMICROELECTRONICS-STLC4560 Datasheet
105Kb / 8P
Single chip 802.11b/g WLAN radio
09-Jan-2008
STLC4560TRAY STMICROELECTRONICS-STLC4560TRAY Datasheet
105Kb / 8P
Single chip 802.11b/g WLAN radio
09-Jan-2008
More results

Similar Description - STLC4550

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWL9224 ANADIGICS-AWL9224 Datasheet
260Kb / 12P
2.4 GHz 802.11b/g WLAN Power Amplifier
Rev 1.3
logo
STMicroelectronics
STLC4370 STMICROELECTRONICS-STLC4370 Datasheet
105Kb / 5P
Single Chip 802.11b/g WLAN Radio for Mobile Applications
13-Jan-2006
STLC4420A STMICROELECTRONICS-STLC4420A Datasheet
486Kb / 40P
Single chip 802.11b/g/a WLAN radio
05-Mar-2006
STLC4560 STMICROELECTRONICS-STLC4560 Datasheet
105Kb / 8P
Single chip 802.11b/g WLAN radio
09-Jan-2008
logo
Realtek Semiconductor C...
RTL8189EM-CG REALTEK-RTL8189EM-CG Datasheet
433Kb / 21P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Richtek Technology Corp...
RTL8189ETV RICHTEK-RTL8189ETV Datasheet
647Kb / 23P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN With SDIO INTERFACE
logo
Realtek Semiconductor C...
RTL8188ER-CG REALTEK-RTL8188ER-CG Datasheet
569Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
List of Unclassifed Man...
RT5390 ETC1-RT5390 Datasheet
2Mb / 36P
802.11b/g/n 1T1R WLAN Mini Card
logo
Realtek Semiconductor C...
RTL8191SE REALTEK-RTL8191SE Datasheet
288Kb / 16P
SINGLE-CHIP IEEE 802.11b/g/n WLAN CONTROLLER with PCI EXPRESSTM INTERFACE
Rev. 0.4 Nov 2008
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com