Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC4550 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STLC4550
Description  Single chip 802.11b/g WLAN radio
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC4550 Datasheet(HTML) 3 Page - STMicroelectronics

  STLC4550 Datasheet HTML 1Page - STMicroelectronics STLC4550 Datasheet HTML 2Page - STMicroelectronics STLC4550 Datasheet HTML 3Page - STMicroelectronics STLC4550 Datasheet HTML 4Page - STMicroelectronics STLC4550 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STLC4550
Package Information
DocRev1
3/5
2
Package Information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 2.
LFBGA240 Mechanical Data & Package Dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.4
0.055
A1
0.15
0.006
A2
1.065
0.042
A3
0.28
0.011
A4
0.8
0.031
b
0.25
0.3
0.35
0.010
0.012
0.014
D
8.35
8.5
8.65
0.329
0.335
0.341
D1
7.5
0.295
E
7.85
8
8.15
0.309
0.315
0.321
E1
7
0.276
e
0.5
0.020
F
0.5
0.020
ddd
0.08
0.003
eee
0.15
0.006
fff
0.05
0.002
LFBGA240
Low Profile Ball Grid Array
Body: 8.5 x 8 x 1.4mm
7870466 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com