Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7991CD Datasheet(PDF) 4 Page - Vitesse Semiconductor Corporation

Part # VSC7991CD
Description  SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7991CD Datasheet(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC7991CD Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2354µm (0.0927")
1754µm
(0.0691")
VSC7991
50µm
(0.002")
50µm
(0.002")
NOTE: All dimensions are in micrometers. The 48 pads specified in the pad coordinates were merged into 24 larger pads.
Die Size: 2354µm x 1754µm (0.0927" x 0.0691")
Die Thickness: 381µm (0.015")
Pad Pitch: 150µm (0.0059")
Pad Size: 116µm x 116µm (0.0046" x 0.0046")
Pad Passivation Opening: 100µm x 100µm (0.0039" x 0.0039")
Scribe Size: 50µm (0.002")
IB
Pad 35
GND
Pad 36
GND
Pad 20
GND
Pad 19
IP
Pad 22
IP
Pad 21
VSS
Pad 17
VSS
Pad 16
VSS
Pad 15
VSS
Pad 14
VSS
Pad 42
VSS
Pad 43
VSS
Pad 44
VSS
Pad 45
GND
Pad 37
GND
Pad 38
GND
Pad 39
GND
Pad 40
GND
Pad 41
DCC
Pad 13
GND
Pad 11
GND
Pad 12
GND
Pad 46
GND
Pad 47
GND
Pad 48
VIP
Pad 18
NDIN
Pad 2
GND
Pad 1
GND
Pad 4
GND
Pad 3
GND
Pad 6
GND
Pad 7
DIN
Pad 8
GND
Pad 9
NC
Pad 10
GND
Pad 5
DOUT
Pad 32
GND
Pad 33
IB
Pad 34
IBN
Pad 23
IBN
Pad 24
GND
Pad 30
GND
Pad 31
GND
Pad 28
GND
Pad 27
NDOUT
Pad 26
GND
Pad 25
GND
Pad 29



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com