Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7991CD Datasheet(PDF) 7 Page - Vitesse Semiconductor Corporation

Part # VSC7991CD
Description  SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7991CD Datasheet(HTML) 7 Page - Vitesse Semiconductor Corporation

Back Button VSC7991CD Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC7991CD Datasheet HTML 10Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Advance Product Information
VSC7991
SONET/SDH 10.7Gb/s
Electroabsorption Modulator/Laser Diode Driver
G52321-0, Rev 2.3
Page 7
02/26/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 6: Pin Identifications
NOTE: A voltage HIGH on the data input (pin 6) corresponds to a voltage HIGH on the data output (pin 22).
Pin #
Name
Type
Level
Description
1
GND
Pwr
Pwr
Positive Voltage Rail
2
GND
Pwr
Pwr
Positive Voltage Rail
3
NDIN
In
CML
Complementary Data In
4
GND
Pwr
Pwr
Positive Voltage Rail
5
GND
Pwr
Pwr
Positive Voltage Rail
6
DIN
In
CML
Data In
7
GND
Pwr
Pwr
Positive Voltage Rail
8
GND
Pwr
Pwr
Positive Voltage Rail
9
GND
Pwr
Pwr
Positive Voltage Rail
10
DCC
In
DC
Duty-Cycle Control Voltage
11
VSS
Pwr
Pwr
Negative Voltage Rail
12
VSS
Pwr
Pwr
Negative Voltage Rail
13
VIP
In
DC
Modulation Control Voltage
14
IP
In
DC
Modulation Current Monitor
15
IBN
In
DC
Data Offset Control Current (complementary)
16
GND
Pwr
Pwr
Positive Voltage Rail
17
GND
Pwr
Pwr
Positive Voltage Rail
18
GND
Pwr
Pwr
Positive Voltage Rail
19
NDOUT
Out
Laser Modulation Current Output (complementary)
20
GND
Pwr
Pwr
Positive Voltage Rail
21
GND
Pwr
Pwr
Positive Voltage Rail
22
DOUT
Out
Laser Modulation Current Output
23
GND
Pwr
Pwr
Positive Voltage Rail
24
GND
Pwr
Pwr
Positive Voltage Rail
25
GND
Pwr
Pwr
Positive Voltage Rail
26
IB
In
DC
Data Offset Control Current
27
GND
Pwr
Pwr
Positive Voltage Rail
28
GND
Pwr
Pwr
Positive Voltage Rail
29
VSS
Pwr
Pwr
Negative Voltage Rail
30
VSS
Pwr
Pwr
Negative Voltage Rail
31
GND
Pwr
Pwr
Positive Voltage Rail
32
GND
Pwr
Pwr
Positive Voltage Rail



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com