Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3130 Datasheet(PDF) 2 Page - Microchip Technology

Part # MGC3130
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 2 Page - Microchip Technology

  MGC3130 Datasheet HTML 1Page - Microchip Technology MGC3130 Datasheet HTML 2Page - Microchip Technology MGC3130 Datasheet HTML 3Page - Microchip Technology MGC3130 Datasheet HTML 4Page - Microchip Technology MGC3130 Datasheet HTML 5Page - Microchip Technology MGC3130 Datasheet HTML 6Page - Microchip Technology MGC3130 Datasheet HTML 7Page - Microchip Technology MGC3130 Datasheet HTML 8Page - Microchip Technology MGC3130 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
• Channels Supported:
– Five receive (Rx) channels
– One transmit (Tx) channel
• On-chip Auto-Calibration
• Low-Noise Radiation Due to Low-Transmit Voltage and Slew Rate Control
• Noise Susceptibility Reduction:
– On-chip analog filtering
– On-chip digital filtering
– Automatic frequency hopping
• Enables the Use of Low-Cost Electrode Material, Including:
– Printed circuit board
– Conductive paint
– Conductive foil
– Laser Direct Structuring (LDS)
– Touch panel ITO structures
• Field Upgrade Capability
• Operating Voltage: VDD = 3.3V ± 5%
• Operating Temperature Range: -40°C to +125°C
Peripheral Features
• I2C for Configuration and Sensor Output Streaming I2C, Speed up to 400 kHz
Packages
Part Number
Available Package
Pins
Contact/Lead Pitch
Dimensions
MGC3030
SSOP
28
0.65
7.8x10.2x1.9
MGC3130
QFN
28
0.5
5x5x0.9
MGC3140
UQFN
48
0.4
6x6x0.5
Note:  All dimensions are in millimeters (mm), unless specified.
Table 1. GestIC® Family Comparison
MGC3030
Yes
No
Yes
Yes
Yes
5
1
No
MGC3130
Yes
Yes
Yes
Yes
Yes
5
1
No
MGC3140
Yes
Yes
Yes
Yes
Yes
5
1
Yes
MGC3140
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com