Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGC3130 Datasheet(PDF) 36 Page - Microchip Technology

Part # MGC3130
Description  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MGC3130 Datasheet HTML 32Page - Microchip Technology MGC3130 Datasheet HTML 33Page - Microchip Technology MGC3130 Datasheet HTML 34Page - Microchip Technology MGC3130 Datasheet HTML 35Page - Microchip Technology MGC3130 Datasheet HTML 36Page - Microchip Technology MGC3130 Datasheet HTML 37Page - Microchip Technology MGC3130 Datasheet HTML 38Page - Microchip Technology MGC3130 Datasheet HTML 39Page - Microchip Technology MGC3130 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
10.5
Timing Characteristics
10.5.1
Power-on and Reset Timing
Table 10-1. Power-on and Reset Parameters
Operating temperature: -40°C ≤ TA ≤ 125°C
Characteristic(1)
Parameter Symbol
Min
Typical(2)
Max
Units
Power-up period: Internal voltage
regulator enabled
TPU
—
400
600
us
System delay period: Time required to
reload device configuration fuses plus
clock delay before first instruction is
fetched
TSYSDLY
—
1.2
—
us
MCLR minimum pulse width
TMCLR
2
—
—
us
BOR pulse width
TBOR
—
1
—
us
Notes: 
1.
These parameters are characterized, but not tested in manufacture.
2.
Data in Typical column is at 3.3V, 25°C, unless otherwise stated.
Figure 10-2. Power-on Timings
SDA/SCL
TS
VDD
4.9 ms
TS line low for
duration of transfer
“SensorDataOutput” messages every 5 ms
1.1 ms
MGC3140 will respond to I2C messages
after the Firmware Version message has been transmitted to the host
Power on to “Firmware
Version" message
TS goes high
“Firmware Version” message
470 ms
600 ms
2 ms
Note:  Indicated timings are typical values and may vary depending on installed firmware and actual configuration.
Timings after release of MCLR are similar to above.
Bootloader mode can be entered in the first 600 ms after Reset and will be aborted about 400 ms after the latest
message not recognized by bootloader itself (see the document 40001875C – "MGC3140/MGX3141 Library Interface
Guide" for a description of commands available in Bootloader mode.
MGC3140
Electrical Specifications
© 2018-2022 Microchip Technology Inc.
and its subsidiaries
Advance Information Datasheet
DS40002037C-page 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com