Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHD2805SH Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # DHD2805SH
Description  7.5W DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DHD2805SH Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  DHD2805SH Datasheet HTML 1Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 2Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 3Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 4Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 5Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 6Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EQUIVALENT SCHEMATIC
Isolated Step Down Power Supply
Microprocessor Power Source
Low Voltage Subsystem Power Source
TYPICAL APPLICATIONS
1
2
3
4
5
+Output
-Output
Adjust/Comp
NC
Shutdown Plus
PIN-OUT INFORMATION
Case
-Input
+Input
8
7
6
-65°C to +150°C
300°C
See Efficiency Curve
150°C
6.5°C/W
ABSOLUTE MAXIMUM RATINGS
+50V
80V
1.5A
-55°C to +125°C
-40°C to +85°C
Input Voltage (pin 7 to pin 6)
Input Transient (pin 7 to pin 6 @ 50mS)
Output Current
DHD2805S
Case Temperature Range
DHD2805S H/E
DHD2805S
VIN
VINT
IOUT
TC
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Power Dissipation
Junction Temperature
Thermal Resistance
(Switches)
TST
TLD
PD
TJ
θJC
Rev. C 3/05
2
NOTE:
1
Continuous operation at or above absolute maximum ratings may adversely effect
the performance and/or life cycle.
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com