Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHD2805SH Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # DHD2805SH
Description  7.5W DC-DC CONVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

DHD2805SH Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  DHD2805SH Datasheet HTML 1Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 2Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 3Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 4Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 5Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 6Page - M.S. Kennedy Corporation DHD2805SH Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
4707 Dey Road Liverpool, N.Y. 13088
(315) 701-6751
Typical Efficiency 70%
All Ceramic Capacitors
Surface Mount Magnetics
80 Volt Input Transient Tolerant
Operates to 12V Input at 5W
Wide Supply Range - 16V to 40V
High Isolation - 500V
Output Voltage Adjustment - Standard
Remote Shutdown
5V Output (See DHC Series for Other Voltages)
Replaces IR ASA2805S
Replaces Interpoint MSA2805S
MIL-PRF-38534 CERTIFIED
ISO-9001 CERTIFIED BY DSCC
M.S.KENNEDY CORP.
7.5W
DC-DC
CONVERTER
DHD2805S
DESCRIPTION:
The DHD2805S DC-DC converter provides the ruggedness, reliability and features required to meet the
advanced design challenges of today's hi-rel market. The use of advanced substrate and reflow soldering
techniques during construction results in a rugged, cost-effective and completely solderable package.
DHD2805S hybrid converter utilizes all ceramic capacitors and surface mount magnetics to provide
reliable operation at all operating temperatures while surviving very high G forces.
DHD2805S standard features include output fault monitoring and/or turn on voltage point programming
via the shutdown pin. All three functions may be implemented simultaneously with a minimum of external
components. An output voltage adjustment/load compensation pin is also standard.
Fault tolerant design protects these converters from most external circuit faults. The output and output
adjust pins will withstand +35V while the shutdown pin will withstand +50V protecting the converters
from a variety of system or board faults i.e. solder bridges, etc. Unique load fault protection circuitry
allows this converter to pull up loads having difficult static load line characteristics and allows short term
load excursions significantly beyond ratings in most applications.
A transformer isolated forward converter topology operating at a switching frequency of 400kHz allows
operation over a wide input voltage range. Internal filtering of both input and output eliminates the need for
external capacitors in many applications.
The 8-pin DIP package is hermetically sealed and isolated from the internal circuits. Heat sinking is
recommended for full power operation at elevated ambient temperatures.
Rev. C 3/05
1
FEATURES:


Similar Part No. - DHD2805SH

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
DHD2805SH ANAREN-DHD2805SH Datasheet
224Kb / 7P
7.5W DC-DC CONVERTER
More results

Similar Description - DHD2805SH

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
logo
MicroPower Direct, LLC
LF700RW MPD-LF700RW Datasheet
230Kb / 2P
Wide Input, 7.5W SMT Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDXS0512C MURATA-NDXS0512C Datasheet
257Kb / 6P
Isolated 7.5W Wide Input Single & Dual Output DC/DC Converters
logo
Anaren Microwave
DHD2805S ANAREN-DHD2805S Datasheet
224Kb / 7P
7.5W DC-DC CONVERTER
logo
HY-LINE Power Component...
P8Y90S05HD HY-LINE-P8Y90S05HD Datasheet
77Kb / 1P
7.5W DC-DC Converter P8Y90S05HD
Rev: 05 / 05 f
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com