Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1117L Datasheet(PDF) 4 Page - Interpion semiconductor

Part # IP1117L
Description  LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1117L Datasheet(HTML) 4 Page - Interpion semiconductor

  IP1117L Datasheet HTML 1Page - Interpion semiconductor IP1117L Datasheet HTML 2Page - Interpion semiconductor IP1117L Datasheet HTML 3Page - Interpion semiconductor IP1117L Datasheet HTML 4Page - Interpion semiconductor IP1117L Datasheet HTML 5Page - Interpion semiconductor IP1117L Datasheet HTML 6Page - Interpion semiconductor IP1117L Datasheet HTML 7Page - Interpion semiconductor IP1117L Datasheet HTML 8Page - Interpion semiconductor IP1117L Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
- 4 -
Jan. 2005 (Rev.5)
www.interpionsemi.com
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Load Regulation
IP1117
Vin - Vout = 2.0V,
10mA < Iout < 1A
-
0.05
0.5
%
IP1117-18
Vin = 3.8V,
10mA < Iout < 1A
-
1
9
mV
IP1117-25
Vin = 4.5V,
10mA < Iout < 1A
-
1
12
mV
IP1117-33
Vin = 5.3V,
10mA < Iout < 1A
-
1
16
mV
IP1117-50
Vin = 7.0V,
10mA < Iout < 1A
-
1
25
mV
Dropout voltage
Vdrop
Iout = 100mA
-
1.0
1.15
V
Iout = 1A
-
1.1
1.25
V
Quiescent current
Iq
Vin < 12V
-
5
10
mA
Ripple Rejection
RR
f = 120Hz, Cout = 22uF Tantalum,
(Vin-Vout) = 3V, Vripple=1.0Vpp
60
72
-
dB
Current Limit
Ilimit
Vin - Vout = 2V
1
1.5
-
A
Adjust Pin Current
Iadj
-35
-100
uA
Adjust Pin Current
Change
Ichg
10mA < Iout < 1A
1.5V < Vin - Vout < 12V
0.2
5
uA
Minimum Load Cur-
rent
Imin
Only IP1117
10
-
-
mA
Long Term Stability
Stable
Ta=125OC, 1000hrs
0.03
1.0
%
dVout2
( Vin= 5V, Co=10uF, Ta = 25OC, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com