Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1117L Datasheet(PDF) 2 Page - Interpion semiconductor

Part # IP1117L
Description  LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1117L Datasheet(HTML) 2 Page - Interpion semiconductor

  IP1117L Datasheet HTML 1Page - Interpion semiconductor IP1117L Datasheet HTML 2Page - Interpion semiconductor IP1117L Datasheet HTML 3Page - Interpion semiconductor IP1117L Datasheet HTML 4Page - Interpion semiconductor IP1117L Datasheet HTML 5Page - Interpion semiconductor IP1117L Datasheet HTML 6Page - Interpion semiconductor IP1117L Datasheet HTML 7Page - Interpion semiconductor IP1117L Datasheet HTML 8Page - Interpion semiconductor IP1117L Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
- 2 -
Jan. 2005 (Rev.5)
www.interpionsemi.com
IP1117/IP1117-18/IP1117-25/IP1117-33/IP1117-50
LDO Regulator with Adjustable and Fixed 1.8V, 2.5V,3.3V,5.0V
PIN DESCRIPTIONS
NO
SYMBOL
I/O
DESCRIPTION
1
ADJ/GND
-
Adjustable or Power Ground
2
OUT
O
Output
3
IN
I
Input
PIN CONNECTIONS
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Units
Input Voltage
Vinmax
18
V
Junction Temperature
Tj
-35 ~ +125
O
C
Storage Temperature
Tstg
-55 ~ +150
O
C
Absolute Maximum Safe Operating Area
Vin - Vout (V)
2
4
6
8
10
12
14
16
18
20
0
SOA
0.2
0.4
0.6
0.8
1.0
1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com