Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1525 Datasheet(PDF) 6 Page - Interpion semiconductor

Part # IP1525
Description  DUAL OUTPUT VOLTAGE LDO REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1525 Datasheet(HTML) 6 Page - Interpion semiconductor

Back Button IP1525 Datasheet HTML 2Page - Interpion semiconductor IP1525 Datasheet HTML 3Page - Interpion semiconductor IP1525 Datasheet HTML 4Page - Interpion semiconductor IP1525 Datasheet HTML 5Page - Interpion semiconductor IP1525 Datasheet HTML 6Page - Interpion semiconductor IP1525 Datasheet HTML 7Page - Interpion semiconductor IP1525 Datasheet HTML 8Page - Interpion semiconductor IP1525 Datasheet HTML 9Page - Interpion semiconductor IP1525 Datasheet HTML 10Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
December. 2002 (Rev.0)
- 6 -
IP1525
DUAL OUTPUT VOLTAGE LDO REGULATOR
www.interpionsemi.com
TYPICAL APPLICATION CIRCUIT
Vinput
N/C
VIN
ON/OFF
VOUT1
PGND
ADJ1
VOUT2
PGND
ADJ2
1
2
6
4
5
3
7
IP1525
Vout1
Vout2
10uF
10uF
ON/OFF
Radj1
Radj2
Radj3
Radj4
*CALCULATION OF OUTPUT VOLTAGE
VOUT1 = VREF ( 1 + (Radj1 / Radj2) ) =1.25V ( 1 + (Radj1 / Radj2) )
VOUT2 = VREF ( 1 + (Radj3 / Radj4) ) =1.25V ( 1 + (Radj3 / Radj4) )



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com