Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1525 Datasheet(PDF) 1 Page - Interpion semiconductor

Part # IP1525
Description  DUAL OUTPUT VOLTAGE LDO REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPION [Interpion semiconductor]
Direct Link  http://www.interpion.com/
Logo INTERPION - Interpion semiconductor

IP1525 Datasheet(HTML) 1 Page - Interpion semiconductor

  IP1525 Datasheet HTML 1Page - Interpion semiconductor IP1525 Datasheet HTML 2Page - Interpion semiconductor IP1525 Datasheet HTML 3Page - Interpion semiconductor IP1525 Datasheet HTML 4Page - Interpion semiconductor IP1525 Datasheet HTML 5Page - Interpion semiconductor IP1525 Datasheet HTML 6Page - Interpion semiconductor IP1525 Datasheet HTML 7Page - Interpion semiconductor IP1525 Datasheet HTML 8Page - Interpion semiconductor IP1525 Datasheet HTML 9Page - Interpion semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
December. 2002 (Rev.0)
- 1 -
IP1525
DUAL OUTPUT VOLTAGE LDO REGULATOR
www.interpionsemi.com
14SOPH-8L
The IP1525 is a dual output voltage LDO regulator
which can provide up to 500mA of output current.
The IP1525 consists of 2-adjustable regulators.
DESCRIPTION
- 2-Adjustable LDO regulators with internal NPN TR.
- Built-in TSD circuit.
- Built-in current limit circuit.
- Built-in over voltage protection circuit.
- Output trimmed to +/-3% Tolerance
FEATURES
Device
Package
Operating Temp
SAC1525
14SOPH-8L
-35OC ~ +85OC
ORDERING INFORMATION
BLOCK DIAGRAM
N/C
VIN
ON/OFF
VOUT1
PGND
ADJ1
1
2
6
4
5
3
VOUT2
7
PGND
Vref
TSD
OVP
OCL
ADJ2
On/off
control SW
Shutdown


Similar Part No. - IP1525

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - IP1525

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2115 BCDSEMI-AP2115 Datasheet
148Kb / 16P
300mA FIXED OUTPUT VOLTAGE LDO REGULATOR
logo
Interpion semiconductor
IP1524 INTERPION-IP1524 Datasheet
226Kb / 12P
DUAL OUTPUT VOLTAGE LDO REGULATOR
IP1531 INTERPION-IP1531 Datasheet
244Kb / 13P
TRIPLE OUTPUT VOLTAGE LDO REGULATOR
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
IP1622 INTERPION-IP1622 Datasheet
362Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
logo
Richtek Technology Corp...
RT9172 RICHTEK-RT9172_08 Datasheet
191Kb / 16P
3A Fixed Output Voltage LDO Regulator
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
Output Adjustable Voltage LDO Regulator
AP1159ADS HUAXINAN-AP1159ADS Datasheet
540Kb / 19P
Low voltage Output LDO Regulator
logo
Semtech Corporation
SC563 SEMTECH-SC563 Datasheet
1Mb / 16P
Dual Output 300mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com